Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CM1233 Fiches technique(PDF) 9 Page - California Micro Devices Corp

No de pièce CM1233
Description  PicoGuard XSTM eXtreme Speed ESD Clamp Array For High Speed Data Line Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CALMIRCO [California Micro Devices Corp]
Site Internet  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1233 Fiches technique(HTML) 9 Page - California Micro Devices Corp

Back Button CM1233 Datasheet HTML 2Page - California Micro Devices Corp CM1233 Datasheet HTML 3Page - California Micro Devices Corp CM1233 Datasheet HTML 4Page - California Micro Devices Corp CM1233 Datasheet HTML 5Page - California Micro Devices Corp CM1233 Datasheet HTML 6Page - California Micro Devices Corp CM1233 Datasheet HTML 7Page - California Micro Devices Corp CM1233 Datasheet HTML 8Page - California Micro Devices Corp CM1233 Datasheet HTML 9Page - California Micro Devices Corp CM1233 Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
© 2008 California Micro Devices Corp. All rights reserved.
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
9
Issue A – 03/18/08
CM1233
Mechanical Details
TDFN-16 Mechanical Specifications, 0.75mm
The 16-lead, 6.0x4.0mm, 0.75mm pitch TDFN package
dimensions are presented below.
*
This package is compliant with JEDEC standard MO-229C with the
exception of the D, D2, E, E2, K and L dimensions as called out in
the table above.
Dimensions for 16-Lead, 0.75mm pitch
TDFN package
PACKAGE DIMENSIONS
Package
TDFN
JEDEC
No.
MO-229C*
Leads
16
Dim.
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
0.175
0.200
0.225
0.007
0.008
0.009
b
0.20
0.25
0.30
0.008
0.010
0.012
D
5.90
6.00
6.10
0.232
0.236
0.240
D2
5.05
5.10
5.15
0.199
0.201
0.203
E
3.90
4.00
4.10
0.153
0.157
0.161
E2
1.75
1.80
1.85
0.012
0.016
0.020
e
0.75 BSC
0.029 BSC
K
0.70 REF
0.028 REF
L
0.35
0.40
0.45
0.014
0.016
0.018
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
BOTTOM VIEW
A
A3
A1
0.10 C
0.08 C
SIDE VIEW
b
L
0.10
C A B
M
16X
D2
E2
e
GND PAD
K
13
14
15
16
3
2
14
5
12
Pin 1
C0.2
67
8
11 10
9
Locator
TOP VIEW
D
E
Pin 1
Marking
4
3
2
1
13
15
16
5
12
8
7
6
14
9
11 10


Numéro de pièce similaire - CM1233

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CM1233 ONSEMI-CM1233 Datasheet
308Kb / 13P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 2
CM1233 ONSEMI-CM1233 Datasheet
152Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 4
CM1233-08DE ONSEMI-CM1233-08DE Datasheet
308Kb / 13P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 2
CM1233 ONSEMI-CM1233_14 Datasheet
152Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 4
More results

Description similaire - CM1233

FabricantNo de pièceFiches techniqueDescription
logo
California Micro Device...
CM1234 CALMIRCO-CM1234 Datasheet
169Kb / 10P
   PicoGuard XSTM ESD Clamp Array For High Speed Data Line Protection
logo
ON Semiconductor
CM1233 ONSEMI-CM1233 Datasheet
308Kb / 13P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 2
CM1234 ONSEMI-CM1234 Datasheet
273Kb / 13P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
CM1236 ONSEMI-CM1236 Datasheet
268Kb / 14P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
CM1235 ONSEMI-CM1235 Datasheet
264Kb / 14P
   Small Footprint PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
CM1234 ONSEMI-CM1234_14 Datasheet
149Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1233 ONSEMI-CM1233_14 Datasheet
152Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 4
CM1236 ONSEMI-CM1236_14 Datasheet
147Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1235 ONSEMI-CM1235_14 Datasheet
152Kb / 9P
   Small Footprint ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
ESDR0502NMUTAG ONSEMI-ESDR0502NMUTAG Datasheet
126Kb / 5P
   Ultra Low Capacitance ESD Protection Array for High Speed Data Line Protection
March, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com