Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD1000 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce ESD1000
Description  OEM Bluetooth-Serial Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ESD1000 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  ESD1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers ESD1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.sena.com
OEM Bluetooth-Serial Module,
ESD1000
ESD1000 Parani-ESD1000 OEM Bluetooth-Serial Module-Class1 with antenna extension option
ESD1000-00
Optional Accessories :
- SAT-G01R Antenna: 1 dBi Stub Antenna- RP-SMA-Reverse right-hand thread
- DAT-G01R Antenna: 3 dBi Dipole Antenna-RP-SMA-Reverse right-hand thread
- DAT5-G01R Antenna: 5 dBi Dipole Antenna-RP-SMA-Reverse right-hand thread
- PAT-G01R Antenna: 9 dBi Patch Antenna-RP-SMA-Reverse right-hand thread
- SEC-G01R : 15cm Antenna Extension Cable-RP-SMA-Reverse right-hand thread
- RFC-G01R: 1m Antenna Extension Cable-RP-SMA-Reverse right-hand thread for PAT-G01R
ESD1000SK Parani-ESD1000 Starter Kit
Includes:
- Parani-ESD1000 Module
- Jig board
- DC Power Adapter
- Serial data cable
- Quick Start Guide
- SAT-G01R Antenna: 1 dBi Stub Antenna- RP-SMA-Reverse right-hand thread
- CD-ROM
For more information, please visit us at http://www.sena.com
Ordering Information
U.S. / Canada / South America
Tel : +1 (408) 573-7425 Fax: +1 (408) 907-3738
EU / Africa
Tel : +33 (0) 1 53 53 16 29 Fax: +33 (0) 1 70 24 70 90
Asia / Pacific
Tel : +82-2-571-8283 Fax: +82-2-573-7710
Contact us via E-mail
General Information : info@sena.com
Sales & Distribution : sales@sena.com
Technical Support : support@sena.com
Specifications
Serial Interface:
- UART
- 2mm Header 14 x 2
- Serial UART speed up to 921.6kbps
- CTS/RTS flow control, DTR/DSR for loop-back & full transfer
Bluetooth Interface:
- Bluetooth v2.0 + EDR
- Class 1
- Profiles: SPP
- Working distance (in open field)
SAT-G01R
- SAT-G01R
100 meters
SAT-G01R
- DAT-G01R
150 meters
DAT-G01R
- DAT-G01R
200 meters
DAT-G01R
- DAT5-G01R 300 meters
DAT-G01R
- PAT-G01R
500 meters
DAT5-G01R - DAT5-G01R 400 meters
DAT5-G01R - PAT-G01R
600 meters
PAT-G01R
- PAT-G01R
1,000 meters
[Antennas]
SAT-G01R: +1dBi Stub Antenna
DAT-G01R: +3dBi Dipole Antenna
DAT5-G01R: +5dBi Dipole Antenna
PAT-G01R: +9dBi Patch Antenna
Max. Tx power: +18dBm
Receive Sensitivity: -88dBm
Antenna gain:
- Stub: +1dBi, Dipole: +3dBi, Dipole: +5dBi, Patch: +9dBi
Configuration:
- ParaniWin, ParaniWizard, ParaniUpdater
- Modem AT command set
Diagnostic LED:
- TXD, RXD, RTS, CTS, DTR, DSR, DCD on Jig board
Power:
- 3.3VDC
- Minimum: 10mA, Maximum : 60mA
Environmental:
- Operating temperature: -30˚C to 80˚C
- Storage temperature: -40˚C to 85˚C
- Humidity: 90% Non-condensing
Physical properties:
- Dimension (L x W x H):
49 x 23 x 11 (mm)
1.93 x 0.9 x 0.43 ( in.)
- Weight: 6g
MTBF: 400.89 Years
Regulatory Approvals:
- FCC Part 15 Subpart C Section 15.247
- EN 60950-1: 2001
- ETSI EN 300 328
- ETSI EN 301 489-1
- ETSI EN 301 489-17
- MIC (Type Registration)
- TELEC (Type Certification)
- SIG
Warranty:
- 1-year limited warranty
Parani-ESD1000 Starter Kit
The Parani-ESD1000 Starter Kit includes the evaluation board with
the sample circuitry for Parani-ESD1000 interface, power, RS232
interface, H/W Reset, LEDs for users’ device development.
LED(SERIAL)
BT_MODE
H/W RESET
RS232
POWER
Reserved
Reserved
ESD1000
(INTERFACE)
SERIAL
ON/OFF SWITCH
POWER
SWITCH
LED
(POWER)
Reserved
Reserved
Reserved
Reserved
FACTORY
RESET


Numéro de pièce similaire - ESD1000

FabricantNo de pièceFiches techniqueDescription
logo
DB Lectro Inc
ESD1000 DBLECTRO-ESD1000 Datasheet
395Kb / 2P
   Useful for Bluetooth-enabling users??devices
logo
List of Unclassifed Man...
ESD1000 ETC-ESD1000 Datasheet
552Kb / 2P
   Bluetooth Module
More results

Description similaire - ESD1000

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BT-21 ETC2-BT-21 Datasheet
341Kb / 12P
   Bluetooth OEM Module
ESD100 ETC-ESD100 Datasheet
921Kb / 2P
   Bluetooth-serial Module
ESD100V2 ETC-ESD100V2 Datasheet
501Kb / 2P
   Bluetooth-serial Module
PARANI-BCD210 ETC-PARANI-BCD210 Datasheet
1Mb / 25P
   Bluetooth-serial Module
logo
National Semiconductor ...
LMX9820 NSC-LMX9820 Datasheet
567Kb / 40P
   Bluetooth Serial Port Module
LMX9820A NSC-LMX9820A Datasheet
579Kb / 44P
   Bluetooth Serial Port Module
logo
Texas Instruments
LMX9838SB TI-LMX9838SB Datasheet
1Mb / 38P
[Old version datasheet]   Bluetooth Serial Port Module
logo
National Semiconductor ...
LMX9838 NSC-LMX9838 Datasheet
1Mb / 26P
   Bluetooth Serial Port Module
logo
List of Unclassifed Man...
HC-05 ETC-HC-05 Datasheet
812Kb / 13P
   Bluetooth to Serial Port Module
06.18.2010
logo
Texas Instruments
LMX9838 TI1-LMX9838 Datasheet
688Kb / 42P
[Old version datasheet]   LMX9838 Bluetooth Serial Port Module
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com