Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74BCT8374ADWRG4 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce SN74BCT8374ADWRG4
Description  SCAN TEST DEVICES WITH OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT8374ADWRG4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN74BCT8374ADWRG4 Datasheet HTML 5Page - Texas Instruments SN74BCT8374ADWRG4 Datasheet HTML 6Page - Texas Instruments SN74BCT8374ADWRG4 Datasheet HTML 7Page - Texas Instruments SN74BCT8374ADWRG4 Datasheet HTML 8Page - Texas Instruments SN74BCT8374ADWRG4 Datasheet HTML 9Page - Texas Instruments SN74BCT8374ADWRG4 Datasheet HTML 10Page - Texas Instruments SN74BCT8374ADWRG4 Datasheet HTML 11Page - Texas Instruments SN74BCT8374ADWRG4 Datasheet HTML 12Page - Texas Instruments SN74BCT8374ADWRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SN54BCT8374A, SN74BCT8374A
SCAN TEST DEVICES
WITH OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SCBS045E – JUNE 1990 – REVISED JULY 1996
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
data register description
boundary-scan register
The boundary-scan register (BSR) is 18 bits long. It contains one boundary-scan cell (BSC) for each
normal-function input pin and one BSC for each normal-function output pin. The BSR is used to 1) store test
data that is to be applied internally to the inputs of the normal on-chip logic and/or externally to the device output
terminals, and/or 2) to capture data that appears internally at the outputs of the normal on-chip logic and/or
externally at the device input terminals.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR may change during Run-Test/Idle as determined by the current instruction. The contents
of the BSR are not changed in Test-Logic-Reset.
The BSR order of scan is from TDI through bits 17–0 to TDO. Table 1 shows the BSR bits and their associated
device pin signals.
Table 1. Boundary-Scan Register Configuration
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
17
CLK
15
1D
7
1Q
16
OE
14
2D
6
2Q
13
3D
5
3Q
12
4D
4
4Q
11
5D
3
5Q
10
6D
2
6Q
9
7D
1
7Q
8
8D
0
8Q
boundary-control register
The boundary-control register (BCR) is two bits long. The BCR is used in the context of the RUNT instruction
to implement additional test operations not included in the basic SCOPE
™ instruction set. Such operations
include PRPG and PSA. Table 3 shows the test operations that are decoded by the BCR.
During Capture-DR, the contents of the BCR are not changed. At power up or in Test-Logic-Reset, the BCR is
reset to the binary value 10, which selects the PSA test operation. The BCR order of scan is shown in Figure 3.
Bit 1
(MSB)
TDO
TDI
Bit 0
(LSB)
Figure 3. Boundary-Control Register Order of Scan


Numéro de pièce similaire - SN74BCT8374ADWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74BCT8374ADWR TI-SN74BCT8374ADWR Datasheet
474Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74BCT8374ADWRE4 TI-SN74BCT8374ADWRE4 Datasheet
474Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
More results

Description similaire - SN74BCT8374ADWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54BCT8374A TI-SN54BCT8374A Datasheet
474Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54AC374 TI-SN54AC374_07 Datasheet
684Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74HC534N TI1-SN74HC534N Datasheet
235Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC574 UTC-U74AHC574_15 Datasheet
240Kb / 7P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54ALS374A TI1-SN54ALS374A_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54HC574 TI1-SN54HC574_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHCT374 UTC-U74AHCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com