Moteur de recherche de fiches techniques de composants électroniques |
|
TL750M08CKVURG3 Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
TL750M08CKVURG3 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 22 page www.ti.com TL75xM10C Electrical Characteristics (1) TL75xM12C Electrical Characteristics (1) TL750M SERIES, TL751M SERIES LOW-DROPOUT VOLTAGE REGULATORS SLVS021K – JANUARY 1988 – REVISED OCTOBER 2006 V I = 14 V, IO = 300 mA, ENABLE = 0 V for TL751M10, TJ = 25°C (unless otherwise noted) TL750M10C TL751M10C PARAMETER TEST CONDITIONS UNIT MIN TYP MAX 9.9 10 10.1 Output voltage V TJ = 0°C to 125°C 9.8 10.2 VI = 12 V to 18 V, IO = 250 mA 15 43 Input voltage regulation mV VI = 11 V to 26 V, IO = 250 mA 20 75 Ripple rejection VI = 13 V to 23 V, f = 120 Hz 50 55 dB Output regulation voltage IO = 5 mA to 750 mA 30 100 mV IO = 500 mA 0.5 Dropout voltage V IO = 750 mA 0.6 Output noise voltage f = 10 Hz to 100 kHz 1000 µV IO = 750 mA 60 75 Bias current mA IO = 10 mA 5 Bias current (TL751Mxx only) ENABLE ≥ 2 V 200 µA (1) Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.1- µF capacitor across the input and a 10-µF tantalum capacitor on the output, with equivalent series resistance within the guidelines shown in Figure 1. V I = 14 V, IO = 300 mA, ENABLE = 0 V for TL751M12, TJ = 25°C (unless otherwise noted) TL750M12C TL751M12C PARAMETER TEST CONDITIONS UNIT MIN TYP MAX 11.88 12 12.12 Output voltage V TJ = 0°C to 125°C 11.76 12.24 VI = 14 V to 19 V, IO = 250 mA 15 43 Input voltage regulation mV VI = 13 V to 26 V, IO = 250 mA 20 78 Ripple rejection VI = 13 V to 23 V, f = 120 Hz 50 55 dB Output regulation voltage IO = 5 mA to 750 mA 30 120 mV IO = 500 mA 0.5 Dropout voltage V IO = 750 mA 0.6 Output noise voltage f = 10 Hz to 100 kHz 1000 µV IO = 750 mA 60 75 Bias current mA IO = 10 mA 5 Bias current (TL751Mxx only) ENABLE ≥ 2 V 200 µA (1) Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.1- µF capacitor across the input and a 10-µF tantalum capacitor on the output, with equivalent series resistance within the guidelines shown in Figure 1. 5 Submit Documentation Feedback |
Numéro de pièce similaire - TL750M08CKVURG3 |
|
Description similaire - TL750M08CKVURG3 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |