Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCFR83A Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCFR83A
Description  DIRECT RAMBUS??CLOCK GENERATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCFR83A Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CDCFR83A Datasheet HTML 4Page - Texas Instruments CDCFR83A Datasheet HTML 5Page - Texas Instruments CDCFR83A Datasheet HTML 6Page - Texas Instruments CDCFR83A Datasheet HTML 7Page - Texas Instruments CDCFR83A Datasheet HTML 8Page - Texas Instruments CDCFR83A Datasheet HTML 9Page - Texas Instruments CDCFR83A Datasheet HTML 10Page - Texas Instruments CDCFR83A Datasheet HTML 11Page - Texas Instruments CDCFR83A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
39
Ω, ±5%
68
Ω, ±5%
68
Ω, ±5%
10 pF
100 pF
39
Ω, ±5%
10 pF
RT = 28 Ω
RT = 28 Ω
CLK
CLKB
tc(1)
tc(2)
Cycle-to-cycle jitter = | tc(1) − tc(2)| over 10000 consecutive cycles
CLK
CLKB
tc(3)
Cycle-to-cycle jitter = | tc(3) − tc(4)| over 10000 consecutive cycles
tc(4)
CLK
CLKB
tpd(1)
tc(5)
Duty cycle = (tpd(1)/tc(5))
CDCFR83A
SCAS812 – AUGUST 2005
Figure 1. Test Load and Voltage Definitions (VO(STOP), VO(X), VO, VOH, VOL)
Figure 2. Cycle-to-Cycle Jitter
Figure 3. Short Term Cycle-to-Cycle Jitter Over Four Cycles
Figure 4. Output Duty Cycle
8


Numéro de pièce similaire - CDCFR83A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCFR83A TI1-CDCFR83A Datasheet
543Kb / 15P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCFR83ADBQ TI1-CDCFR83ADBQ Datasheet
543Kb / 15P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCFR83ADBQG4 TI1-CDCFR83ADBQG4 Datasheet
543Kb / 15P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCFR83ADBQR TI1-CDCFR83ADBQR Datasheet
543Kb / 15P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCFR83ADBQRG4 TI1-CDCFR83ADBQRG4 Datasheet
543Kb / 15P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
More results

Description similaire - CDCFR83A

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI-CDCFR83 Datasheet
162Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83A TI-CDCR83A Datasheet
198Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83 TI-CDCR83 Datasheet
172Kb / 13P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com