Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3121D2 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA3121D2
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA3121D2 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPA3121D2 Datasheet HTML 2Page - Texas Instruments TPA3121D2 Datasheet HTML 3Page - Texas Instruments TPA3121D2 Datasheet HTML 4Page - Texas Instruments TPA3121D2 Datasheet HTML 5Page - Texas Instruments TPA3121D2 Datasheet HTML 6Page - Texas Instruments TPA3121D2 Datasheet HTML 7Page - Texas Instruments TPA3121D2 Datasheet HTML 8Page - Texas Instruments TPA3121D2 Datasheet HTML 9Page - Texas Instruments TPA3121D2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TYPICAL CHARACTERISTICS
f − Frequency − Hz
20
VCC = 12 V
RL = 4 Ω (SE)
Gain = 20 dB
100
1k
10k
0.001
10
20k
0.1
G001
1
PO = 0.5 W
PO = 2.5 W
0.01
PO = 1 W
f − Frequency − Hz
20
VCC = 18 V
RL = 6 Ω (SE)
Gain = 20 dB
100
1k
10k
0.001
10
20k
0.1
G002
1
PO = 0.5 W
PO = 2.5 W
0.01
PO = 1 W
f − Frequency − Hz
20
VCC = 18 V
RL = 8 Ω (SE)
Gain = 20 dB
100
1k
10k
0.001
10
20k
0.1
G003
1
PO = 2.5 W
0.01
PO = 1 W
f − Frequency − Hz
20
VCC = 24 V
RL = 8 Ω (SE)
Gain = 20 dB
100
1k
10k
0.001
10
20k
0.1
G004
1
PO = 1 W
PO = 5 W
0.01
PO = 2.5 W
TPA3121D2
SLOS537 – MAY 2008........................................................................................................................................................................................................ www.ti.com
All tests are made at frequency = 1 kHz unless otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 1.
Figure 2.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 3.
Figure 4.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA3121D2


Numéro de pièce similaire - TPA3121D2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3121D2 TI-TPA3121D2 Datasheet
640Kb / 27P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2PWP TI1-TPA3121D2PWP Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2PWPG4 TI1-TPA3121D2PWPG4 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2PWPR TI-TPA3121D2PWPR Datasheet
640Kb / 27P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA3121D2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com