Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC59116 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC59116
Description  16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC59116 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TLC59116 Datasheet HTML 7Page - Texas Instruments TLC59116 Datasheet HTML 8Page - Texas Instruments TLC59116 Datasheet HTML 9Page - Texas Instruments TLC59116 Datasheet HTML 10Page - Texas Instruments TLC59116 Datasheet HTML 11Page - Texas Instruments TLC59116 Datasheet HTML 12Page - Texas Instruments TLC59116 Datasheet HTML 13Page - Texas Instruments TLC59116 Datasheet HTML 14Page - Texas Instruments TLC59116 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Driver Output
Constant Current Output
Adjusting Output Current
140
120
80
40
0
0
500
1000
1500
2000
2500
3000
3500
4000
R
ext
W
100
TLC59116
www.ti.com .................................................................................................................................................. SLDS157A – FEBRUARY 2008 – REVISED APRIL 2008
AI[2:0] = 110 is used when the LED drivers must be globally programmed with different settings during the same
I2C bus communication, for example, global brightness or blinking change.
AI[2:0] = 111 is used when individually and global changes must be performed during the same I2C bus
communication, for example, changing color and global brightness at the same time.
Only the five least significant bits D[4:0] are affected by the AI[2:0] bits.
When the Control register is written, the register entry point determined by D[4:0] is the first register that will be
addressed (read or write operation), and can be anywhere between 0 0000 and 1 1011 (as defined in Table 2).
When AI[2] = 1, the Auto-Increment flag is set and the rollover value at which the point where the register
increment stops and goes to the next one is determined by AI[2:0]. See Table 1 for rollover values. For example,
if the Control register = 1111 0100 (F4h), then the register addressing sequence will be (in hex):
14
→ ... → 1B → 00 → ... → 13 → 02 → ... → 13 → 02 → ... as long as the master keeps sending or
reading data.
In LED display applications, TLC59116 provides nearly no current variations from channel to channel and from
device to device. While IOUT ≤ 52 mA, the maximum current skew between channels is less than ±6% and less
than ±8% between devices.
TLC59116 scales up the reference current (Iref) set by the external resistor (Rext) to sink the output current (Iout) at
each output port. Table 11 shows the Configuration Code and discusses bits CM, HC, and CC[5:0]. The following
formulas can be used to calculate the target output current IOUT,target in the saturation region:
VREXT = 1.26 V × VG
Iref = VREXT/Rext, if another end of the external resistor Rext is connected to ground
IOUT,target = Iref × 15 × 3
CM – 1
Where Rext is the resistance of the external resistor connected to the REXT terminal, and VREXT is the voltage of
REXT, which is controlled by the programmable voltage gain (VG), which is defined by the Configuration Code.
The Current Multiplier bit (CM) sets the ratio IOUT,target/Iref to 15 or 5 (sets the exponent "CM – 1" to either 0 or
–1). After power on, the default value of VG is 127/128 = 0.992, and the default value of CM is 1, so that the ratio
IOUT,target/Iref = 15. Based on the default VG and CM:
VREXT = 1.26 V × 127/128 = 1.25 V
IOUT,target = (1.25 V/Rext) × 15
Therefore, the default current is approximately 52 mA at 360
Ω and 26 mA at 720 Ω. The default relationship
after power on between IOUT,target and Rext is shown in Figure 8.
Figure 8. IOUT,target vs Rext
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11


Numéro de pièce similaire - TLC59116

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC59116 TI-TLC59116 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
TLC59116F TI1-TLC59116F Datasheet
764Kb / 31P
[Old version datasheet]   16-CHANNEL FAST-MODE PLUS I2C BUS LED DRIVER
TLC59116FIPWR TI1-TLC59116FIPWR Datasheet
764Kb / 31P
[Old version datasheet]   16-CHANNEL FAST-MODE PLUS I2C BUS LED DRIVER
TLC59116FIPWR TI1-TLC59116FIPWR Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel Fast-Mode Plus I2C Bus LED Driver
More results

Description similaire - TLC59116

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC59116IRHBR TI1-TLC59116IRHBR Datasheet
1Mb / 38P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116 TI-TLC59116_1 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
   16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
logo
Texas Instruments
TLC59108 TI-TLC59108 Datasheet
809Kb / 31P
[Old version datasheet]   8-BIT Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
   16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
PCA9952Q900 PHILIPS-PCA9952Q900 Datasheet
1Mb / 45P
   16-channel Fm I2C-bus 57 mA constant current LED driver AEC-Q100 compliant
Rev. 1-26 April 2013
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
NXP Semiconductors
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com