Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA6813MP Fiches technique(PDF) 5 Page - Allegro MicroSystems

No de pièce SMA6813MP
Description  High Voltage 3-Phase Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SMA6813MP Fiches technique(HTML) 5 Page - Allegro MicroSystems

  SMA6813MP Datasheet HTML 1Page - Allegro MicroSystems SMA6813MP Datasheet HTML 2Page - Allegro MicroSystems SMA6813MP Datasheet HTML 3Page - Allegro MicroSystems SMA6813MP Datasheet HTML 4Page - Allegro MicroSystems SMA6813MP Datasheet HTML 5Page - Allegro MicroSystems SMA6813MP Datasheet HTML 6Page - Allegro MicroSystems SMA6813MP Datasheet HTML 7Page - Allegro MicroSystems SMA6813MP Datasheet HTML 8Page - Allegro MicroSystems SMA6813MP Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
High Voltage 3-Phase Motor Driver
SMA6813MP
5
Low Side Driver Input/Output Timing Diagrams
LIN
VCC
LO
VUVHH
RS
FO
VTRIP(H)
tblank
tblank
After UVLO is released, IC operation is started by the first rising edge of input
After RC charging and releasing, the OCP operation is started by the first rising edge of input
tp
VUVHL
VTRIP(L)
UVLO
Release
RC
Slope by RC,CC
High Side Driver Input/Output Timing Diagrams
HIN
VB-HS
HO
VUVHH
VUVHL
After UVLO is released, IC operation is started by the first rising edge of input
UVLO
Release
tp = RC × CC × {–ln (1–3.5 / VRC)}
where CC ≤ 2200 pF
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Numéro de pièce similaire - SMA6813MP

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6821MH SANKEN-SMA6821MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
SMA6821MH SANKEN-SMA6821MH Datasheet
751Kb / 18P
   250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
More results

Description similaire - SMA6813MP

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com