Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHCT373 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHCT373
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT373 Fiches technique(HTML) 4 Page - Texas Instruments

  SN74AHCT373 Datasheet HTML 1Page - Texas Instruments SN74AHCT373 Datasheet HTML 2Page - Texas Instruments SN74AHCT373 Datasheet HTML 3Page - Texas Instruments SN74AHCT373 Datasheet HTML 4Page - Texas Instruments SN74AHCT373 Datasheet HTML 5Page - Texas Instruments SN74AHCT373 Datasheet HTML 6Page - Texas Instruments SN74AHCT373 Datasheet HTML 7Page - Texas Instruments SN74AHCT373 Datasheet HTML 8Page - Texas Instruments SN74AHCT373 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN54AHCT373, SN74AHCT373
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCLS239M – OCTOBER 1995 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHCT373
SN74AHCT373
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
D
Q
CL =15 pF
5.1*
8.5*
1*
9.5*
1
9.5
ns
tPHL
D
Q
CL = 15 pF
5.1*
8.5*
1*
9.5*
1
9.5
ns
tPLH
LE
Q
CL =15 pF
7.7*
12.3*
1*
13.5*
1
13.5
ns
tPHL
LE
Q
CL = 15 pF
7.7*
12.3*
1*
13.5*
1
13.5
ns
tPZH
OE
Q
CL =15 pF
6.3*
10.9*
1*
12.5*
1
12.5
ns
tPZL
OE
Q
CL = 15 pF
6.3*
10.9*
1*
12.5*
1
12.5
ns
tPHZ
OE
Q
CL =15 pF
6*
10.2*
1*
11*
1
11
ns
tPLZ
OE
Q
CL = 15 pF
6*
10.2*
1*
11*
1
11
ns
tPLH
D
Q
CL =50 pF
5.9
9.5
1
10.5
1
10.5
ns
tPHL
D
Q
CL = 50 pF
5.9
9.5
1
10.5
1
10.5
ns
tPLH
LE
Q
CL =50 pF
8.5
13.3
1
14.5
1
14.5
ns
tPHL
LE
Q
CL = 50 pF
8.5
13.3
1
14.5
1
14.5
ns
tPZH
OE
Q
CL =50 pF
7.1
11.9
1
13.5
1
13.5
ns
tPZL
OE
Q
CL = 50 pF
7.1
11.9
1
13.5
1
13.5
ns
tPHZ
OE
Q
CL =50 pF
6.8
11.2
1
12
1
12
ns
tPLZ
OE
Q
CL = 50 pF
6.8
11.2
1
12
1
12
ns
tsk(o)
CL = 50 pF
1**
1
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
** On products compliant to MIL-PRF-38535, this parameter does not apply.
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4)
PARAMETER
SN74AHCT373
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.8
1.2
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.8
–1.2
V
VOH(V)
Quiet output, minimum dynamic VOH
4.1
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
NOTE 4: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
17
pF


Numéro de pièce similaire - SN74AHCT373

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCT373 TI-SN74AHCT373 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHCT373 TI-SN74AHCT373 Datasheet
677Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHCT373DB TI-SN74AHCT373DB Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHCT373DBLE TI-SN74AHCT373DBLE Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHCT373DBLE TI-SN74AHCT373DBLE Datasheet
677Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Description similaire - SN74AHCT373

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com