Moteur de recherche de fiches techniques de composants électroniques |
|
74AUC2G240DCURE4 Fiches technique(PDF) 4 Page - Texas Instruments |
|
74AUC2G240DCURE4 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 12 page www.ti.com Electrical Characteristics Switching Characteristics Switching Characteristics Operating Characteristics SN74AUC2G240 DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS SCES534C – DECEMBER 2003 – REVISED JANUARY 2007 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP(1) MAX UNIT IOH = –100 µA 0.8 V to 2.7 V VCC – 0.1 IOH = –0.7 mA 0.8 V 0.55 IOH = –3 mA 1.1 V 0.8 VOH V IOH = –5 mA 1.4 V 1 IOH = –8 mA 1.65 V 1.2 IOH = –9 mA 2.3 V 1.8 IOL = 100 µA 0.8 V to 2.7 V 0.2 IOL = 0.7 mA 0.8 V 0.25 IOL = 3 mA 1.1 V 0.3 VOL V IOL = 5 mA 1.4 V 0.4 IOL = 8 mA 1.65 V 0.45 IOL = 9 mA 2.3 V 0.6 II A or OE inputs VI = VCC or GND 0 to 2.7 V ±5 µA Ioff VI or VO = 2.7 V 0 ±10 µA IOZ VO = VCC or GND 2.7 V ±10 µA ICC VI = VCC or GND, IO = 0 0.8 V to 2.7 V 10 µA Ci VI = VCC or GND 2.5 V 2.5 pF Co VO = VCC or GND 2.5 V 5.5 pF (1) All typical values are at TA = 25°C. over recommended operating free-air temperature range, C L = 15 pF (unless otherwise noted) (see Figure 1) VCC = 1.2 V VCC = 1.5 V VCC = 1.8 V VCC = 2.5 V VCC = 0.8 V FROM TO ± 0.1 V ± 0.1 V ± 0.15 V ± 0.2 V PARAMETER UNIT (INPUT) (OUTPUT) TYP MIN MAX MIN MAX MIN TYP MAX MIN MAX tpd A Y 4.5 0.9 3.3 0.7 2.2 0.5 1.2 1.8 0.5 1.3 ns ten OE Y 5.6 0.9 4.1 0.7 2.5 0.6 1.4 2.1 0.6 1.5 ns tdis OE Y 5.8 1.9 4.8 1.5 3.8 1.8 2.8 4 1.4 2.9 ns over recommended operating free-air temperature range, C L = 30 pF (unless otherwise noted) (see Figure 1) VCC = 1.8 V VCC = 2.5 V FROM TO ± 0.15 V ± 0.2 V PARAMETER UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX tpd A Y 0.7 1.5 2.5 0.6 1.7 ns ten OE Y 0.9 1.7 3.1 0.8 2.1 ns tdis OE Y 1.5 1.8 3.7 0.8 1.9 ns T A = 25°C VCC = 0.8 V VCC = 1.2 V VCC = 1.5 V VCC = 1.8 V VCC = 2.5 V TEST PARAMETER UNIT CONDITIONS TYP TYP TYP TYP TYP Power dissipation Cpd f = 10 MHz 15 15 15 15 17 pF capacitance 4 Submit Documentation Feedback |
Numéro de pièce similaire - 74AUC2G240DCURE4 |
|
Description similaire - 74AUC2G240DCURE4 |