Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS101 Fiches technique(PDF) 5 Page - Fujitsu Component Limited.

No de pièce CS101
Description  Standard Cell
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

CS101 Fiches technique(HTML) 5 Page - Fujitsu Component Limited.

  CS101 Datasheet HTML 1Page - Fujitsu Component Limited. CS101 Datasheet HTML 2Page - Fujitsu Component Limited. CS101 Datasheet HTML 3Page - Fujitsu Component Limited. CS101 Datasheet HTML 4Page - Fujitsu Component Limited. CS101 Datasheet HTML 5Page - Fujitsu Component Limited. CS101 Datasheet HTML 6Page - Fujitsu Component Limited. CS101 Datasheet HTML 7Page - Fujitsu Component Limited. CS101 Datasheet HTML 8Page - Fujitsu Component Limited. CS101 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CS101 Series
5
■ RECOMMENDED OPERATING CONDITIONS
• Dual power supply (VDDE = 1.8 V ± 0.15 V , VDDI = 1.0 V ± 0.1 V/VDDI = 1.2 V ± 0.1 V)
(VSS
= 0 V)
• Dual power supply (VDDE = 2.5 V ± 0.2 V , VDDI = 1.0 V ± 0.1 V/VDDI = 1.2 V ± 0.1 V)
(VSS
= 0 V)
Parameter
Symbol
Value
Unit
Min
Typ
Max
Power supply voltage
VDDE
1.65
1.8
1.95
V
VDDI
0.9
1.0
1.1
V
1.1
1.2
1.3
“H” level input voltage
1.8 V CMOS Normal
VIH
VDDE
× 0.65
VDDE
+0.3
V
1.8 V CMOS Schmitt
VDDE
× 0.70
VDDE
+ 0.3
V
“L” level input voltage
1.8 V CMOS Normal
VIL
−0.3
VDDE
× 0.35
V
1.8 V CMOS Schmitt
−0.3
VDDE
× 0.30
V
Schmitt hysteresis voltage
VH
VDDE
× 0.10
VDDE
× 0.40
V
Operation junction temperature
TJ
−40
⎯+125
°C
Parameter
Symbol
Value
Unit
Min
Typ
Max
Power supply voltage
VDDE
2.3
2.5
2.7
V
VDDI
0.9
1.0
1.1
V
1.1
1.2
1.3
“H” level input voltage
2.5 V CMOS Normal
VIH
1.7
VDDE
+ 0.3
V
2.5 V CMOS Schmitt
1.7
VDDE
+ 0.3
V
“L” level input voltage
2.5 V CMOS Normal
VIL
−0.3
+ 0.7
V
2.5 V CMOS Schmitt
−0.3
+ 0.7
V
Schmitt hysteresis voltage
VH
0.2
1.0
V
Operation junction temperature
TJ
−40
⎯+125
°C


Numéro de pièce similaire - CS101

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
CS101 FUJITSU-CS101 Datasheet
102Kb / 8P
   Standard Cell
logo
SynQor Worldwide Headqu...
CS101 SYNQOR-CS101 Datasheet
2Mb / 9P
   All capacitors are X7R multi-layer ceramic
logo
Lumileds Lighting Compa...
CS101 LUMILEDS-CS101 Datasheet
2Mb / 3P
   New Rijksmuseum is largest gallery space ever lit by LEDs
logo
Chip Integration Techno...
CS10100CT-A CITC-CS10100CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
logo
Hammond Manufacturing L...
CS10104 HAMMOND-CS10104 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
More results

Description similaire - CS101

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
CS101 FUJITSU-CS101 Datasheet
102Kb / 8P
   Standard Cell
CS91 FUJITSU-CS91 Datasheet
106Kb / 9P
   Standard cell array
logo
Epson Company
S1K50000 EPSON-S1K50000 Datasheet
1Mb / 130P
   Standard-Cell Development Flow
logo
Fujitsu Component Limit...
CS401 FUJITSU-CS401 Datasheet
56Kb / 8P
   Standard Cell CS401 Series
CS81 FUJITSU-CS81 Datasheet
75Kb / 12P
   Semicustom CMOS Standard cell
CS201 FUJITSU-CS201 Datasheet
70Kb / 9P
   Semicustom CMOS Standard Cell
logo
Epson Company
S1X70000 EPSON-S1X70000 Datasheet
5Mb / 379P
   STANDARD CELL / EMBEDDED ARRAY
logo
Fujitsu Component Limit...
CS200 FUJITSU-CS200_08 Datasheet
983Kb / 2P
   65nm CMOS Standard Cell
logo
Epson Company
S1K70000 EPSON-S1K70000 Datasheet
5Mb / 379P
   STANDARD CELL / EMBEDDED ARRAY
logo
Aeroflex Circuit Techno...
UT130NHBD AEROFLEX-UT130NHBD Datasheet
75Kb / 8P
   Hardened-by-Design (HBD) Standard Cell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com