Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7800KP Fiches technique(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC7800KP
Description  Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7800KP Fiches technique(HTML) 10 Page - Burr-Brown (TI)

Back Button DAC7800KP Datasheet HTML 6Page - Burr-Brown (TI) DAC7800KP Datasheet HTML 7Page - Burr-Brown (TI) DAC7800KP Datasheet HTML 8Page - Burr-Brown (TI) DAC7800KP Datasheet HTML 9Page - Burr-Brown (TI) DAC7800KP Datasheet HTML 10Page - Burr-Brown (TI) DAC7800KP Datasheet HTML 11Page - Burr-Brown (TI) DAC7800KP Datasheet HTML 12Page - Burr-Brown (TI) DAC7800KP Datasheet HTML 13Page - Burr-Brown (TI) DAC7800KP Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DAC7800, 7801, 7802
10
SBAS005A
www.ti.com
If an application requires the DAC to have zero gain error, the
circuit may be used, see Figure 6. Resistors R2 and R4 induce
a positive gain error greater than worst-case initial negative
gain error. Trim resistors R1 and R3 provide a variable
negative gain error and have sufficient trim range to correct
for the worst-case initial positive gain error plus the error
produced by R2 and R4.
DATA INPUT
ANALOG OUTPUT
MSB
↓↓ LSB
1111 1111 1111
+VREF (2047/2048)
1000 0000 0001
+VREF (1/2048)
1000 0000 0000
0 Volts
0111 1111 1111
–VREF (1/2048)
0000 0000 0000
–VREF (2048/2048)
TABLE III. Bipolar Output Code.
FIGURE 5. Bipolar Configuration.
R
3
10k
1
C
10pF
DAC A
DAC B
R
10k
5
DAC780X
DGND
V
REF A
V
DD
+5V
C
D
2
R
6
20k
R
2
20k
R
10k
C
10pF
V
OUT A
V
OUT B
A1
A3
DAC7802 has a single analog common, AGND.
A1–A4, OPA602 or 1/2 OPA2107.
+
A2
+
A4
5
R
1
20k
R
4
20k
REF B
V
I
OUT B
R
FB B
+
AGND B
I
OUT A
R
FB A
+
AGND A
1µF
+
APPLICATIONS
12-BIT PLUS SIGN DACS
For a bipolar DAC with 13 bits of resolution, two solutions are
possible. The addition of a precision difference amplifier and
a high speed JFET switch provides a 12-bit plus sign voltage-
output DAC, see Figure 7. When the switch selects the op
amp output, the difference amplifier serves as a noninverting
output buffer. If the analog ground side of the switch is
selected, the output of the difference amplifier is inverted.
Another option, see Figure 8, also produces a 12-bit plus sign
output without the additional switch and digital control line.
DIGITALLY PROGRAMMABLE ACTIVE FILTER
See Figure 9 for the DAC780x in a digitally programmable
active filter application. The design is based on the state-
variable filter, Texas Instruments UAF42, an active filter topol-
ogy that offers stable and repeatable filter characteristics.
DAC1 and DAC2 can be updated in parallel with a single word
to set the center frequency of the filter. DAC 4, which makes
use of the uncommitted op amp in UAF42, sets the Q of the
filter. DAC3 sets the gain of the filter transfer function without
changing the Q of the filter. The reverse is also true.
The center frequency is determined by fC = 1/2πRC where R is
the ladder resistance of the DAC (typical value, 10k
Ω) and C
the internal capacitor value (1000pF) of the UAF42. External
capacitors can be added to lower the center frequency of the
filter. But the highest center frequency for this circuit will be
about 16kHz because the effective series resistance of the
DAC cannot be less than 10k
Ω.
Note that the ladder resistance of the DAC may vary from
device to device. Thus, for best tracking, DAC2 and DAC3
should be in the same package. Some calibration may be
necessary from one filter to another.


Numéro de pièce similaire - DAC7800KP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7800KP TI-DAC7800KP Datasheet
273Kb / 17P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC7800KP TI1-DAC7800KP Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC7800KPG4 TI1-DAC7800KPG4 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
More results

Description similaire - DAC7800KP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC7800 TI-DAC7800 Datasheet
273Kb / 17P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800 Datasheet
180Kb / 12P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com