Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3914NG4 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce UC3914NG4
Description  5-V TO 35-V HOT SWAP POWER MANAGER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC3914NG4 Fiches technique(HTML) 3 Page - Texas Instruments

  UC3914NG4 Datasheet HTML 1Page - Texas Instruments UC3914NG4 Datasheet HTML 2Page - Texas Instruments UC3914NG4 Datasheet HTML 3Page - Texas Instruments UC3914NG4 Datasheet HTML 4Page - Texas Instruments UC3914NG4 Datasheet HTML 5Page - Texas Instruments UC3914NG4 Datasheet HTML 6Page - Texas Instruments UC3914NG4 Datasheet HTML 7Page - Texas Instruments UC3914NG4 Datasheet HTML 8Page - Texas Instruments UC3914NG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
UC2914
UC3914
SLUS425C − DECEMBER 2003 − REVISED JULY 2004
3
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = 0°C to 70°C for the UC3914, −40°C to 85°C for the UC2914, VCC = 12V, VPUMP = VPUMP(max), SD = 5 V, CP1 = CP2 = CPUMP= 0.01 µF.
TA = TJ. (Unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENTS
ICC
Supply current(2)
8
15
mA
ICC
Supply current(2)
VCC = 35 V
12
20
mA
ICCSD
Shutdown supply current
SD = 0 V,
500
900
µA
UVLO turn−on threshold voltage
4.0
4.4
V
UVLO hysteresis
55
120
250
mV
FAULT TIMING
Overcurrent threshold
TJ = 25°C, wrt VCC
−55
−50
−45
mV
Overcurrent threshold
Over operating temperature wrt VCC
−57
−50
−42
mV
IMAX input bias
1
3
A
ICT_CHG CT charge current
VCT = 1 V
−140
−100
−60
µA
ICT_CHG CT charge current
VCT = 1 V,
overload condition
−6.0
−3.0
−1.5
mA
ICT_DSCH CT discharge current
VCT = 1 V
2.0
3.0
4.5
µA
VCT_FLT CT fault threshold voltage
2.25
2.50
2.75
V
VCT_RST CT reset threshold voltage
0.45
0.50
0.55
V
Output duty cycle
Fault condition,
IPL = 0 A
1.5%
3.0%
4.5%
OUTPUT
VOH
High-level output voltage
VVOUTS = VCC,
VPUMP = VPUMP(max),
wrt VPUMP
−1.5
−1.0
VOH
High-level output voltage
VVOUTS = VCC,
VPUMP = VPUMP(max),
IOUT = −2 mA, wrt VPUMP
−2.0
−1.5
IOUT = 0 A
0.8
1.3
V
VOL
Low-level output voltage
IOUT = 5 mA
1
2
V
VOL
Low-level output voltage
IOUT = 25 mA,
VVOUTS = 0 V
overload condition
1.2
1.8
VOUT(cl) Output clamp voltage
VOUTS = 0 V
11.5
13.0
14.5
tRISE
Rise time(1)
COUT = 1 nF
750
1250
ns
tFALL
Fall time(1)
COUT = 1 nF
250
500
ns
LINEAR CURRENT AMPLIFIER
VIO
Input offset voltage
−15
0
15
mV
Voltage gain
60
80
dB
VIMAX
IMAX control voltage
VIMAX = VOUT,
VSENSE = VVCC, wrt VCC
−20
0
20
mV
VIMAX
IMAX control voltage
VIMAX = VOUT,
VSENSE = VREF, wrt REF
−20
0
20
mV
SENSE input bias
1.5
3.5
µA
SHUTDOWN
Shutdown threshold voltage
0.6
1.5
2.0
V
input current
SD = 5 V
150
300
µA
Delay to output time(1)
0.5
2.0
µs
(1) Ensured by design. Not production tested.
(2) A mathematical averaging is used to determine this value. See Application Section for more information.


Numéro de pièce similaire - UC3914NG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3914 TI-UC3914 Datasheet
652Kb / 14P
[Old version datasheet]   5V to 35V Hot Swap Power Manager
More results

Description similaire - UC3914NG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com