Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2914DWTR Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce UC2914DWTR
Description  5-V TO 35-V HOT SWAP POWER MANAGER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2914DWTR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button UC2914DWTR Datasheet HTML 7Page - Texas Instruments UC2914DWTR Datasheet HTML 8Page - Texas Instruments UC2914DWTR Datasheet HTML 9Page - Texas Instruments UC2914DWTR Datasheet HTML 10Page - Texas Instruments UC2914DWTR Datasheet HTML 11Page - Texas Instruments UC2914DWTR Datasheet HTML 12Page - Texas Instruments UC2914DWTR Datasheet HTML 13Page - Texas Instruments UC2914DWTR Datasheet HTML 14Page - Texas Instruments UC2914DWTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
UC2914
UC3914
SLUS425C − DECEMBER 2003 − REVISED JULY 2004
11
www.ti.com
APPLICATION INFORMATION
UDG−97055
Figure 4. Typical Timing Diagram Using Latch Reset (LR) Function
Table 2. Fault Timing Conditions with Latch Reset Function
TIME
CONDITION
t0
Normal conditions. Output current is nominal, output voltage is at positive rail, VCC
t1
Fault control reached. Output current rises above the programmed fault value, CT begins to charge at 100-µA + IPL.
t2
Maximum current reached. Output current reaches the programmed maximum level and becomes a constant cur-
rent with value IMAX.
t3
Fault occurs. CT has charged to 2.5 V, fault output goes low, the FET turns off allowing no output current to flow,
VVOUTS discharges to GND.
t4
Reset comparator threshold reached but no retry since LR pin held high.
t5
LR toggled low, N-channel MOSFET turned on and sources current to load.
t6=t3
t7
LR toggled low before VCT reaches reset comparator threshold, causing retry.
t8
Since LR toggled low during present cycle, N-channel MOSFET turned on and sources current to load.
t9=t0
Fault released, normal condition. Return to normal operation of the load.


Numéro de pièce similaire - UC2914DWTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2914 TI-UC2914 Datasheet
652Kb / 14P
[Old version datasheet]   5V to 35V Hot Swap Power Manager
More results

Description similaire - UC2914DWTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com