Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC56-12GWA Fiches technique(PDF) 2 Page - Kingbright Corporation

No de pièce BC56-12GWA
Description  14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

BC56-12GWA Fiches technique(HTML) 2 Page - Kingbright Corporation

  BC56-12GWA Datasheet HTML 1Page - Kingbright Corporation BC56-12GWA Datasheet HTML 2Page - Kingbright Corporation BC56-12GWA Datasheet HTML 3Page - Kingbright Corporation BC56-12GWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAA5026
REV NO: V.9
DATE: MAY/24/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1303000145
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
BC56-12GWA
Green (GaP)
WHITE DIFFUSED
3000
16000
Common Cathode ,Rt.
Hand Decimal.
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Green
565
nm
IF=20mA
λD [1]
Dominant Wavelength
Green
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Green
30
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Green
2.2
2.5
V
IF=20mA
IR
Reverse Current
Green
10
uA
VR=5V
Parameter
Green
Units
Power dissipation
62.5
mW
DC Forward Current
25
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds


Numéro de pièce similaire - BC56-12GWA

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BC56-12GWA ETC-BC56-12GWA Datasheet
525Kb / 6P
   14mm (0.56INCH) THREE DIGIT NUMERIC DISPLAYS
More results

Description similaire - BC56-12GWA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
BA56-11SRWA KINGBRIGHT-BA56-11SRWA Datasheet
158Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-13SRWA KINGBRIGHT-BA56-13SRWA Datasheet
157Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-13YWA KINGBRIGHT-BA56-13YWA Datasheet
159Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-11GWA KINGBRIGHT-BC56-11GWA Datasheet
159Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-12SRWA KINGBRIGHT-BA56-12SRWA Datasheet
127Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-12SYKWA KINGBRIGHT-BC56-12SYKWA Datasheet
360Kb / 6P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-11SURKWA KINGBRIGHT-BA56-11SURKWA Datasheet
370Kb / 6P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-11YWA KINGBRIGHT-BC56-11YWA Datasheet
159Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-12EWA KINGBRIGHT-BC56-12EWA Datasheet
155Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-12SRWA KINGBRIGHT-BC56-12SRWA Datasheet
153Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-13GWA KINGBRIGHT-BA56-13GWA Datasheet
158Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com