Moteur de recherche de fiches techniques de composants électroniques |
|
TC15-11GWA Fiches technique(PDF) 2 Page - Kingbright Corporation |
|
TC15-11GWA Fiches technique(HTML) 2 Page - Kingbright Corporation |
2 / 4 page SPEC NO: DSAC5554 REV NO: V.9 DATE: MAY/24/2007 PAGE: 2 OF 4 APPROVED: WYNEC CHECKED: Joe Lee DRAWN: Y.L.LI ERP: 1332000535 Selection Guide Note: 1. Luminous intensity/ luminous Flux: +/-15%. Absolute Maximum Ratings at TA=25°C Electrical / Optical Characteristics at TA=25°C Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. Typ. TC15-11GWA Green (GaP) WHITE DIFFUSED 4700 19500 Column Cathode Description Symbol Parameter Device Typ. Max. Units Test Conditions λpeak Peak Wavelength Green 565 nm IF=20mA λD [1] Dominant Wavelength Green 568 nm IF=20mA Δλ1/2 Spectral Line Half-width Green 30 nm IF=20mA C Capacitance Green 15 pF VF=0V;f=1MHz VF [2] Forward Voltage Green 2.2 2.5 V IF=20mA IR Reverse Current Green 10 uA VR=5V Parameter Green Units Power dissipation 62.5 mW DC Forward Current 25 mA Peak Forward Current [1] 140 mA Reverse Voltage 5 V Operating / Storage Temperature -40°C To +85°C Lead Solder Temperature[2] 260°C For 3-5 Seconds |
Numéro de pièce similaire - TC15-11GWA |
|
Description similaire - TC15-11GWA |