Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA08-21YWA Fiches technique(PDF) 2 Page - Kingbright Corporation

No de pièce SA08-21YWA
Description  20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA08-21YWA Fiches technique(HTML) 2 Page - Kingbright Corporation

  SA08-21YWA Datasheet HTML 1Page - Kingbright Corporation SA08-21YWA Datasheet HTML 2Page - Kingbright Corporation SA08-21YWA Datasheet HTML 3Page - Kingbright Corporation SA08-21YWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAB4279
REV NO: V.9
DATE: MAY/16/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000147
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
SA08-21YWA
Yellow (GaAsP/GaP)
WHITE DIFFUSED
1200
4700
Common Anode, Rt.
Hand Decimal.
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Yellow
590
nm
IF=20mA
λD [1]
Dominant Wavelength
Yellow
588
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Yellow
35
nm
IF=20mA
C
Capacitance
Yellow
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Yellow
2.1
2.5
V
IF=20mA
IR
Reverse Current
Yellow
10
uA
VR=5V
Parameter
Yellow
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds


Numéro de pièce similaire - SA08-21YWA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
SA08-21EWA KINGBRIGHT-SA08-21EWA Datasheet
185Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-21GWA KINGBRIGHT-SA08-21GWA Datasheet
181Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
SA08-21SRWA KINGBRIGHT-SA08-21SRWA Datasheet
182Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT
More results

Description similaire - SA08-21YWA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
SC08-11CGKWA KINGBRIGHT-SC08-11CGKWA Datasheet
348Kb / 6P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-13YWA KINGBRIGHT-SC08-13YWA Datasheet
78Kb / 3P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-13GWA KINGBRIGHT-SC08-13GWA Datasheet
78Kb / 3P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-12SRWA KINGBRIGHT-SC08-12SRWA Datasheet
189Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-21EWA KINGBRIGHT-SA08-21EWA Datasheet
185Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-12SRWA KINGBRIGHT-SA08-12SRWA Datasheet
187Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-11YWA KINGBRIGHT-SA08-11YWA Datasheet
187Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-11GWA KINGBRIGHT-SC08-11GWA Datasheet
110Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-21EWA KINGBRIGHT-SC08-21EWA Datasheet
68Kb / 3P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-13SRWA KINGBRIGHT-SA08-13SRWA Datasheet
129Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-21EWA KINGBRIGHT-SC08-21EWA_07 Datasheet
184Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com