Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51427RHBT Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51427RHBT
Description  DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51427RHBT Fiches technique(HTML) 1 Page - Texas Instruments

  TPS51427RHBT Datasheet HTML 1Page - Texas Instruments TPS51427RHBT Datasheet HTML 2Page - Texas Instruments TPS51427RHBT Datasheet HTML 3Page - Texas Instruments TPS51427RHBT Datasheet HTML 4Page - Texas Instruments TPS51427RHBT Datasheet HTML 5Page - Texas Instruments TPS51427RHBT Datasheet HTML 6Page - Texas Instruments TPS51427RHBT Datasheet HTML 7Page - Texas Instruments TPS51427RHBT Datasheet HTML 8Page - Texas Instruments TPS51427RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
TPS51427
TPS51427
www.ti.com .............................................................................................................................................................. SLUS819A – APRIL 2008 – REVISED MAY 2008
DUAL D-CAP™ SYNCHRONOUS STEP-DOWN CONTROLLER
FOR NOTEBOOK POWER RAILS
23
• Fixed-Frequency Emulated On-Time Control;
Frequency Selectable from Three Options
The TPS51427 is a dual synchronous step-down
controller
designed
for
notebook
and
mobile
• D-CAP™ Mode Enables Fast Transient
communications applications. This device is part of a
Response Less than 100 ns
low-cost suite of notebook power bus regulators that
• Advanced Ramp Compensation Allows Low
enables system designs with low external component
Output Ripple with Minimal Jitter
counts.
The
TPS51427
includes
two
• Selectable PWM-Only/OOA™/Auto-Skip Modes
pulse-width-modulation (PWM) controllers, SMPS1
and SMPS2. The output of SMPS1 can be adjusted
• Wide Input Voltage Range: 5.5 V to 28 V
from 0.7 V to 5.9 V, while the output of SMPS2 can
• Dual Fixed or Adjustable SMPS:
be adjusted from 0.5 V to 2.5 V. This device also
0.7 V to 5.9 V (Channel1)
features a low-dropout (LDO) regulator that provides
a 5-V/3.3-V output, or adjustable from 0.7-V to 4.5-V
0.5 V to 2.5 V (Channel2)
output via LDOREFIN. The fixed-frequency emulated
• Fixed 3.3-V/5-V, or Adjustable Output 0.7-V to
adaptive on-time control supports seamless operation
4.5-V LDO; Capable of Sourcing 100 mA
between PWM mode under heavy load conditions
• Fixed 3.3-VREF Output Capable of Sourcing
and reduced frequency operation at light loads for
10 mA
high-efficiency down to the milliampere range. An
integrated boost switch enhances the high-side
• Temperature Compensated Low-Side R
DS(on)
MOSFET to further improve efficiency. The main
Current Sensing
control loop is the D-CAP™ mode that is optimized
• Adaptive Gate Drivers with Integrated Boost
for low equivalent series resistance (ESR) output
Switch
capacitors such as POSCAP or SP-CAP. Advanced
ramp compensation minimizes jitter without degrading
• Bootstrap Charge Auto Refresh
line and load regulation. RDS(on) current sensing
• Integrated Soft Start, Tracking Soft Stop
methods offers maximum cost saving.
• Independent PGOOD and EN for Each Channel
The TPS51427 supports supply input voltages that
range from 5.5 V to 28 V. It is available in the 32-pin,
5-mm
× 5-mm QFN package (Green, RoHs-
• Notebook I/O and System Bus Rails
compliant, and Pb-free). The device is specified from
• Graphics Application
–40
°C to +85°C.
• PDAs and Mobile Communication Devices
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP, OOA are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS51427RHBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51427RHBT TI-TPS51427RHBT Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427RHBT TI1-TPS51427RHBT Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results

Description similaire - TPS51427RHBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51427A TI1-TPS51427A Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI-TPS51427A_15 Datasheet
2Mb / 43P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com