Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51427RHBT Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51427RHBT
Description  DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51427RHBT Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS51427RHBT Datasheet HTML 3Page - Texas Instruments TPS51427RHBT Datasheet HTML 4Page - Texas Instruments TPS51427RHBT Datasheet HTML 5Page - Texas Instruments TPS51427RHBT Datasheet HTML 6Page - Texas Instruments TPS51427RHBT Datasheet HTML 7Page - Texas Instruments TPS51427RHBT Datasheet HTML 8Page - Texas Instruments TPS51427RHBT Datasheet HTML 9Page - Texas Instruments TPS51427RHBT Datasheet HTML 10Page - Texas Instruments TPS51427RHBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
TPS51427
www.ti.com .............................................................................................................................................................. SLUS819A – APRIL 2008 – REVISED MAY 2008
ELECTRICAL CHARACTERISTICS (continued)
Over recommended free-air temperature range, VV5DRV = 5 V, VVIN = 12 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
TRIPx Adjustment Range
0.2
2.0
V
4.75
5.25
TRIPx Source Current
0.2 V < VTRIPx < 2 V, TA = +25°C
5
µA
(–5%)
(+5%)
TRIPx Current Temperature
Coefficient on the basis of TA = +25°C
(3)
2900
ppm/
°C
13
27
GND – LLx, VTRIPx = 0.2 V
20
(–35%)
(+35%)
42.5
57.5
GND – LLx, VTRIPx = 0.5 V
50
(–15%)
(+15%)
Current-Limit Threshold (Positive,
mV
Adjustable)
93
107
GND – LLx, VTRIPx = 1 V
100
(–7%)
(+7%)
190
210
GND – LLx, VTRIPx = 2 V
200
(–5%)
(+5%)
93
107
Current-Limit Threshold (Positive,
VTRIPx = 5.0 V, GND – LLx (no temperature
100
mV
Default)
compensation)
(–7%)
(+7%)
High threshold
3.0
3.2
3.3
V
Fixed 100-mV OCL TRIPx
Threshold Voltage
Hysteresis
40
70
100
mV
With respect to valley current limit threshold,
Current Limit Threshold (Negative)
–100%
SKIPSEL = 5 V
Zero-Crossing Current Limit
SKIPSEL = 0 V, 2 V, or OPEN, GND – LLx
–3.5
0
3.5
mV
Threshold
GATE DRIVERS
Source, VBSTx-DRVHx = 0.1 V
1.0
3.6
DRVHx Gate-Driver
On-Resistance
Sink, DRVHx-LLx = 0.1 V
0.8
2.6
Source, V5DRV-DRVLx = 0.1 V
1.2
4.0
DRVLx Gate-Driver On-Resistance
Sink, DRVLx-PGND = 0.1 V
0.6
1.5
DRVHx Gate-Driver Source
VBSTx-LLx = 5 V, DRVHx = 2.0 V(3)
1.8
A
Current
DRVHx Gate-Driver Sink Current
VBSTx-LLx = 5 V, DRVHx = 2.0 V(3)
1.6
A
DRVLx Gate-Driver Source
V5DRV-PGND = 5 V, DRVLx = 2.0 V(3)
1.4
A
Current
DRVLx Gate-Driver Sink Current
V5DRV-PGND = 5 V, DRVLx = 2.0 V(3)
2.6
A
DRVHx low (DRVHx = 1 V) to DRVLx high (DRVLx = 4
20
30
50
ns
V), LLx = –0.05 V
Dead Time
DRVLx low (DRVLx = 1 V) to DRVHx high (DRVHx = 4
25
40
60
ns
V), LLx = –0.05 V
Internal BST_ Switch
IVBSTx = 10 mA, V5DRV = 5 V, TA = +25°C
10
On-Resistance
VBSTx Leakage Current
VVBSTx = 35 V, LLx = 28 V
0.01
2.0
µA
(3)
Ensured by design. Not production tested.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS51427


Numéro de pièce similaire - TPS51427RHBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51427RHBT TI-TPS51427RHBT Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427RHBT TI1-TPS51427RHBT Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results

Description similaire - TPS51427RHBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51427A TI1-TPS51427A Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI-TPS51427A_15 Datasheet
2Mb / 43P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com