Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V43648Y04VCTG-10PC Fiches technique(PDF) 3 Page - Mosel Vitelic, Corp

No de pièce V43648Y04VCTG-10PC
Description  3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOSEL [Mosel Vitelic, Corp]
Site Internet  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V43648Y04VCTG-10PC Fiches technique(HTML) 3 Page - Mosel Vitelic, Corp

  V43648Y04VCTG-10PC Datasheet HTML 1Page - Mosel Vitelic, Corp V43648Y04VCTG-10PC Datasheet HTML 2Page - Mosel Vitelic, Corp V43648Y04VCTG-10PC Datasheet HTML 3Page - Mosel Vitelic, Corp V43648Y04VCTG-10PC Datasheet HTML 4Page - Mosel Vitelic, Corp V43648Y04VCTG-10PC Datasheet HTML 5Page - Mosel Vitelic, Corp V43648Y04VCTG-10PC Datasheet HTML 6Page - Mosel Vitelic, Corp V43648Y04VCTG-10PC Datasheet HTML 7Page - Mosel Vitelic, Corp V43648Y04VCTG-10PC Datasheet HTML 8Page - Mosel Vitelic, Corp V43648Y04VCTG-10PC Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MOSEL VITELIC
V43648Y04V(C)TG-10PC
3
V43648Y04V(C)TG-10PC Rev. 1.7 October 2000
Part Number Information
Block Diagram
SDRAM
3.3V
V43648Y04V(C)TG-10PC-02
4
MOSEL-VITELIC
MANUFACTURED
V
144 PIN UNBUFFERED
SODIMM x16 COMPONENT
Y
REFRESH
RATE 4K
0
3
DEPTH
8
4 BANKS
4
TSOP
WIDTH
64
LVTTL
V
GOLD
G
10PC
COMPONENT REVISION LEVEL
BLANK = B REV.
C = C REV.
C
-
-10PC
PC100 2-2-2
T
WE
CSO
WE
CS1
V43648Y04V(C)TG-10PC-03
U0–U7
A0–A11, BA0, BA1
VDD
U0–U3
CKE0
U4–U7
CKEI
U0–U7
U0, U1
CLK0
VSS
U2, U3
10
SCL
SDA
10
U4, U5
CLKI
U6, U7
10
10
SPD
A0
A1
A2
DQMB4
DQMB5
DQ32–39
DQ40–47
UDQM
U2
LDQM
DQMB0
DQMB1
DQ0–7
DQ8–15
UDQM
U0
LDQM
DQMB6
DQMB7
DQ43–54
DQ55–63
UDQM
U3
LDQM
DQMB2
DQMB3
DQ16–23
DQ24–31
UDQM
U1
LDQM
CS
WE
CS
WE
CS
WE
CS
WE
DQMB4
DQMB5
DQ32–39
DQ40–47
UDQM
U6
LDQM
DQMB0
DQMB1
DQ0–7
DQ8–15
UDQM
U4
LDQM
DQMB6
DQMB7
DQ43–54
DQ55–63
UDQM
U7
LDQM
DQMB2
DQMB3
DQ16–23
DQ24–31
C1–C4
UDQM
U5
LDQM
CS
WE
CS
WE
CS
WE
CS
WE


Numéro de pièce similaire - V43648Y04VCTG-10PC

FabricantNo de pièceFiches techniqueDescription
logo
Mosel Vitelic, Corp
V43648Y04VCTG-75 MOSEL-V43648Y04VCTG-75 Datasheet
146Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
More results

Description similaire - V43648Y04VCTG-10PC

FabricantNo de pièceFiches techniqueDescription
logo
Mosel Vitelic, Corp
V43658Y04VATG-10PC MOSEL-V43658Y04VATG-10PC Datasheet
159Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V43658Y04VATG-75PC MOSEL-V43658Y04VATG-75PC Datasheet
71Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V43644Y04VTG-10PC MOSEL-V43644Y04VTG-10PC Datasheet
147Kb / 10P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V43644Y04VCTG-10PC MOSEL-V43644Y04VCTG-10PC Datasheet
131Kb / 10P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V43648Z04VCTG-75 MOSEL-V43648Z04VCTG-75 Datasheet
136Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V43648Y04VCTG-75 MOSEL-V43648Y04VCTG-75 Datasheet
146Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V436632Z24V MOSEL-V436632Z24V Datasheet
297Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436616Y24V MOSEL-V436616Y24V Datasheet
327Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE SDRAM UNBUFFERED SODIMM
V436616Y24VATG-75 MOSEL-V436616Y24VATG-75 Datasheet
254Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436616Y24VATG-75PC MOSEL-V436616Y24VATG-75PC Datasheet
257Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com