Moteur de recherche de fiches techniques de composants électroniques |
|
LM4041DIDCKT Fiches technique(PDF) 3 Page - Texas Instruments |
|
LM4041DIDCKT Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 28 page www.ti.com LM4041 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLCS146E – FEBRUARY 2005 – REVISED FEBRUARY 2006 ORDERING INFORMATION ORDERABLE TOP-SIDE TA DEVICE GRADE VZ PACKAGE(1) PART NUMBER MARKING(2) C grade: Reel of 3000 LM4041CQDBZR ADJ SOT-23-3 (DBZ) 4MP_ 0.5% initial Reel of 250 LM4041CQDBZT accuracy Reel of 3000 LM4041C12QDBZR and 100 ppm/ °C 1.2 V SOT-23-3 (DBZ) 4MS_ temperature Reel of 250 LM4041C12QDBZT coefficient –40 °C to 125°C D grade: Reel of 3000 LM4041DQDBZR ADJ SOT-23-3 (DBZ) 4MR_ 1.0% initial Reel of 250 LM4041DQDBZT accuracy Reel of 3000 LM4041D12QDBZR and 150 ppm/ °C 1.2 V SOT-23-3 (DBZ) 4MT_ temperature Reel of 250 LM4041D12QDBZT coefficient (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. (2) DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site. 3 Submit Documentation Feedback |
Numéro de pièce similaire - LM4041DIDCKT |
|
Description similaire - LM4041DIDCKT |