Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL16C451FN Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL16C451FN
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL16C451FN Fiches technique(HTML) 1 Page - Texas Instruments

  TL16C451FN Datasheet HTML 1Page - Texas Instruments TL16C451FN Datasheet HTML 2Page - Texas Instruments TL16C451FN Datasheet HTML 3Page - Texas Instruments TL16C451FN Datasheet HTML 4Page - Texas Instruments TL16C451FN Datasheet HTML 5Page - Texas Instruments TL16C451FN Datasheet HTML 6Page - Texas Instruments TL16C451FN Datasheet HTML 7Page - Texas Instruments TL16C451FN Datasheet HTML 8Page - Texas Instruments TL16C451FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TL16C451, TL16C452
ASYNCHRONOUS COMMUNICATIONS ELEMENTS
SLLS053C – MAY 1989 – REVISED AUGUST 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Integrates Most Communications Card
Functions From the IBM PC/AT
™ or
Compatibles With Single- or Dual-Channel
Serial Ports
D TL16C451 Consists of One TL16C450 Plus
Centronix Printer Interface
D TL16C452 Consists of Two TL16C450s Plus
a Centronix-Type Printer Interface
D Fully Programmable Serial Interface
Characteristics:
– 5-, 6-, 7-, or 8-Bit Characters
– Even-, Odd-, or No-Parity Bit Generation
and Detection
– 1-, 1 1/2-, or 2 Stop-Bit Generation
– Programmable Baud Rate
(dc to 256 kbit/s)
D Fully Double Buffered for Reliable
Asynchronous Operation
description
The TL16C451 and TL16C452 provide single- and dual-channel (respectively) serial interfaces along with a
single Centronix-type parallel-port interface. The serial interfaces provide a serial-to-parallel conversion for data
received from a peripheral device or modem and a parallel-to-serial conversion for data transmitted by a CPU.
The parallel interface provides a bidirectional parallel data port that fully conforms to the requirements for a
Centronix-type printer interface. A CPU can read the status of the asynchronous communications element
(ACE) interfaces at any point in the operation. The status includes the state of the modem signals (CTS, DSR,
RLSD, and RI) and any changes to these signals that have occurred since the last time they were read, the state
of the transmitter and receiver including errors detected on received data, and printer status. The TL16C451
and TL16C452 provide control for modem signals (RTS and DTR), interrupt enables, baud rate programming,
and parallel-port control signals.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated
IBM PC/AT is a trademark of International Business Machines Corporation.


Numéro de pièce similaire - TL16C451FN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C451FN TI-TL16C451FN Datasheet
309Kb / 23P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C451FN TI-TL16C451FN Datasheet
323Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C451FNR TI-TL16C451FNR Datasheet
323Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
More results

Description similaire - TL16C451FN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C451 TI-TL16C451 Datasheet
309Kb / 23P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C451 TI-TL16C451_06 Datasheet
323Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com