Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AUP1G80DCKT Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
SN74AUP1G80DCKT Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 17 page www.ti.com PARAMETER MEASUREMENT INFORMATION NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr/tf = 3 ns. D. The outputs are measured one at a time, with one transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. tPZL and tPZH are the same as ten. G. All parameters and waveforms are not applicable to all devices. 5, 10, 15, 30 pF VCC/2 VCC 0.15 V VCC = 1.2 V ± 0.1 V VCC = 0.8 V VCC = 1.5 V ± 0.1 V VCC = 1.8 V ± 0.15 V VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V 5, 10, 15, 30 pF VCC/2 VCC 0.1 V 5, 10, 15, 30 pF VCC/2 VCC 0.1 V 5, 10, 15, 30 pF VCC/2 VCC 0.1 V CL VM VI V∆ 5, 10, 15, 30 pF VCC/2 VCC 0.15 V 5, 10, 15, 30 pF VCC/2 VCC 0.3 V Output Waveform 1 S1 at 2 × VCC (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ VCC 0 V VOL + V∆ VOH − V∆ ≈0 V VCC VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES LOW- AND HIGH-LEVEL ENABLING Output Control VCC/2 VCC/2 VCC/2 VCC/2 tPLZ/tPZL tPHZ/tPZH 2 × VCC GND TEST S1 From Output Under Test CL (see Note A) LOAD CIRCUIT S1 GND 5 k Ω 5 k Ω 2 × VCC SN74AUP1G80 LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP SCES593B – JULY 2004 – REVISED JULY 2005 (Enable and Disable Times) Figure 4. Load Circuit and Voltage Waveforms 9 |
Numéro de pièce similaire - SN74AUP1G80DCKT |
|
Description similaire - SN74AUP1G80DCKT |