Moteur de recherche de fiches techniques de composants électroniques |
|
74LVT16245BDGGRE4 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
74LVT16245BDGGRE4 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 20 page www.ti.com DESCRIPTION/ORDERING INFORMATION (CONTINUED) GQL OR ZQL PACKAGE (TOP VIEW) J H G F E D C B A 2 1 3 4 6 5 K GRD OR ZRD PACKAGE (TOP VIEW) J H G F E D C B A 2 1 3 4 6 5 SN54LVT16245B ,, SN74LVT16245B 3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS715E – FEBRUARY 2000 – REVISED NOVEMBER 2006 The 'LVT16245B devices are 16-bit (dual-octal) noninverting 3-state transceivers designed for low-voltage (3.3-V) VCC operation, but with the capability to provide a TTL interface to a 5-V system environment. These devices are designed for asynchronous communication between two data buses. The logic levels of the direction-control (DIR) input and the output-enable (OE) input activate either the B-port outputs or the A-port outputs or place both output ports into the high-impedance mode. The device transmits data from the A bus to the B bus when the B-port outputs are activated, and from the B bus to the A bus when the A-port outputs are activated. The input circuitry on both A and B ports is always active and must have a logic HIGH or LOW level applied to prevent excess ICC and ICCZ. When VCC is between 0 and 1.5 V, the devices are in the high-impedance state during power up or power down. However, to ensure the high-impedance state above 1.5 V, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. These devices are fully specified for hot-insertion applications using Ioff and power-up 3-state. The Ioff circuitry disables the outputs, preventing damaging current backflow through the devices when they are powered down. The power-up 3-state circuitry places the outputs in the high-impedance state during power up and power down, which prevents driver conflict. TERMINAL ASSIGNMENTS(1) (56-Ball GQL/ZQL Package) 1 2 3 4 5 6 A 1DIR NC NC NC NC 1OE B 1B2 1B1 GND GND 1A1 1A2 C 1B4 1B3 VCC VCC 1A3 1A4 D 1B6 1B5 GND GND 1A5 1A6 E 1B8 1B7 1A7 1A8 F 2B1 2B2 2A2 2A1 G 2B3 2B4 GND GND 2A4 2A3 H 2B5 2B6 VCC VCC 2A6 2A5 J 2B7 2B8 GND GND 2A8 2A7 K 2DIR NC NC NC NC 2OE (1) NC – No internal connection TERMINAL ASSIGNMENTS(1) (54-Ball GRD/ZRD Package) 1 2 3 4 5 6 A 1B1 NC 1DIR 1OE NC 1A1 B 1B3 1B2 NC NC 1A2 1A3 C 1B5 1B4 VCC VCC 1A4 1A5 D 1B7 1B6 GND GND 1A6 1A7 E 2B1 1B8 GND GND 1A8 2A1 F 2B3 2B2 GND GND 2A2 2A3 G 2B5 2B4 VCC VCC 2A4 2A5 H 2B7 2B6 NC NC 2A6 2A7 J 2B8 NC 2DIR 2OE NC 2A8 (1) NC – No internal connection 2 Submit Documentation Feedback |
Numéro de pièce similaire - 74LVT16245BDGGRE4 |
|
Description similaire - 74LVT16245BDGGRE4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |