Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UA7805CKTER Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce UA7805CKTER
Description  POSITIVE-VOLTAGE REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UA7805CKTER Fiches technique(HTML) 10 Page - Texas Instruments

Back Button UA7805CKTER Datasheet HTML 6Page - Texas Instruments UA7805CKTER Datasheet HTML 7Page - Texas Instruments UA7805CKTER Datasheet HTML 8Page - Texas Instruments UA7805CKTER Datasheet HTML 9Page - Texas Instruments UA7805CKTER Datasheet HTML 10Page - Texas Instruments UA7805CKTER Datasheet HTML 11Page - Texas Instruments UA7805CKTER Datasheet HTML 12Page - Texas Instruments UA7805CKTER Datasheet HTML 13Page - Texas Instruments UA7805CKTER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TO-263
no Sb/Br)
UA7812QKTE
OBSOLETE
PFM
KTE
3
TBD
Call TI
Call TI
UA7815CKC
OBSOLETE
TO-220
KC
3
TBD
Call TI
Call TI
UA7815CKCS
ACTIVE
TO-220
KCS
3
50
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
UA7815CKCSE3
ACTIVE
TO-220
KCS
3
50
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
UA7815CKTER
OBSOLETE
PFM
KTE
3
TBD
Call TI
Call TI
UA7815CKTTR
ACTIVE
DDPAK/
TO-263
KTT
3
500
Green (RoHS &
no Sb/Br)
CU SN
Level-3-245C-168 HR
UA7815CKTTRG3
ACTIVE
DDPAK/
TO-263
KTT
3
500
Green (RoHS &
no Sb/Br)
CU SN
Level-3-245C-168 HR
UA7815QKTE
OBSOLETE
PFM
KTE
3
TBD
Call TI
Call TI
UA7824CKC
OBSOLETE
TO-220
KC
3
TBD
Call TI
Call TI
UA7824CKCE3
OBSOLETE
TO-220
KC
3
TBD
Call TI
Call TI
UA7824CKCS
ACTIVE
TO-220
KCS
3
50
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
UA7824CKCSE3
ACTIVE
TO-220
KCS
3
50
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
UA7824CKTER
OBSOLETE
PFM
KTE
3
TBD
Call TI
Call TI
UA7824CKTTR
ACTIVE
DDPAK/
TO-263
KTT
3
500
Green (RoHS &
no Sb/Br)
CU SN
Level-3-245C-168 HR
UA7824CKTTRG3
ACTIVE
DDPAK/
TO-263
KTT
3
500
Green (RoHS &
no Sb/Br)
CU SN
Level-3-245C-168 HR
UA7885CKC
OBSOLETE
TO-220
KC
3
TBD
Call TI
Call TI
UA7885CKTER
OBSOLETE
PFM
KTE
3
TBD
Call TI
Call TI
UA7885QKTE
OBSOLETE
PFM
KTE
3
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
PACKAGE OPTION ADDENDUM
www.ti.com
18-Mar-2008
Addendum-Page 2


Numéro de pièce similaire - UA7805CKTER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA7805CKTER TI-UA7805CKTER Datasheet
697Kb / 19P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA7805CKTER TI1-UA7805CKTER Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKTER TI1-UA7805CKTER Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
More results

Description similaire - UA7805CKTER

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com