Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

93-21SUBC Fiches technique(PDF) 9 Page - Everlight Electronics Co., Ltd

No de pièce 93-21SUBC
Description  High Performance SMD LED with Reflector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

93-21SUBC Fiches technique(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 93-21SUBC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 9Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 9 of 10
Device No. : DSE-931-070
Prepared date:23.Sep.2005
Prepared by: Teresa Lee
93-21SUBC/S400-XX/TR8
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
started at the time of the hand solder.


Numéro de pièce similaire - 93-21SUBC

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
93-21SUGC-S400-A4-TR8 EVERLIGHT-93-21SUGC-S400-A4-TR8 Datasheet
135Kb / 9P
   High Performance SMD LED with Reflector
93-21SUGC/S400-A4/TR8 EVERLIGHT-93-21SUGC/S400-A4/TR8 Datasheet
135Kb / 9P
   High Performance SMD LED with Reflector
93-21SURC EVERLIGHT-93-21SURC Datasheet
150Kb / 9P
   High Performance SMD LED with Reflector
93-21SURC/S530-XX/TR8 EVERLIGHT-93-21SURC/S530-XX/TR8 Datasheet
150Kb / 9P
   High Performance SMD LED with Reflector
More results

Description similaire - 93-21SUBC

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC EVERLIGHT-96-22SUGC Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
G6R7C-B01 EVERLIGHT-G6R7C-B01 Datasheet
237Kb / 12P
   High performance SMD LED with Reflector
S530-A3-TR8 EVERLIGHT-S530-A3-TR8 Datasheet
230Kb / 11P
   High Performance SMD LED with Reflector
93-21SYGC EVERLIGHT-93-21SYGC Datasheet
228Kb / 9P
   High Performance SMD LED with Reflector
93-21UBC EVERLIGHT-93-21UBC Datasheet
136Kb / 10P
   High Performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
96-22SURC EVERLIGHT-96-22SURC Datasheet
104Kb / 6P
   High performance SMD LED with Reflector
97-22SUBC EVERLIGHT-97-22SUBC Datasheet
99Kb / 7P
   High performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com