Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDH2-433-9 Fiches technique(PDF) 8 Page - Radiometrix Ltd

No de pièce TDH2-433-9
Description  UHF Multi Channel Hi Power Radio Modem
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RADIOMETRIX [Radiometrix Ltd]
Site Internet  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TDH2-433-9 Fiches technique(HTML) 8 Page - Radiometrix Ltd

Back Button TDH2-433-9 Datasheet HTML 3Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 4Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 5Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 6Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 7Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 8Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 9Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 10Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Radiometrix Ltd
TDH2 Data Sheet
page 8
Condensed specifications
Frequency
433.925MHz – CHAN0 (default channel)
433.285MHz – CHAN1
433.605MHz – CHAN2
434.245MHz – CHAN3
434.565MHz – CHAN4
Frequency stability
±10kHz
Channel width
320kHz
Number of channels
1 of 5, user programmed
Supply Voltage
5V
Current
50mA transmit
22mA receive/idle
Operating temperature
-20 °C to +70 °C (Storage -30 °C to +80 °C)
Regulation
Compliant with Australian/New Zealand AS/NZS 4268:2003
Interfaces
User
9pin 0.1" pitch molex
RF
3pin 0.1" pitch molex
Size
37 x 26 x 8mm
Transmitter
Output power
+14dBm (25mW) ±1dB
TX on switching time
<4ms
Modulation type
16kbps bi-phase FSK
FM peak deviation
+/-22KHz
TX spurious
<-40dBm
Receiver
Sensitivity
-105dBm for 1% BER
image
-40dB
spurious / adjacent channel
-60dB
Blocking
-80dB nominal
LO re-radiation
<-60dBm
Interface
Data rate
9600baud, Half duplex
Format
1 start, 8 data, 1 stop, no parity
Levels
5V CMOS (inverted RS232. Mark = 5V = idle)
Buffers
32 byte FIFO
Flow control
None (‘RX busy’ pin provided)
Addressing
1 of 8, user programmed
Data latency
14ms (first byte into TX, to first byte out of RX)


Numéro de pièce similaire - TDH2-433-9

FabricantNo de pièceFiches techniqueDescription
logo
Radiometrix Ltd
TDH2-433-9 RADIOMETRIX-TDH2-433-9 Datasheet
588Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
More results

Description similaire - TDH2-433-9

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
TDH2 RADIOMETRIX-TDH2 Datasheet
588Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-458-BHX2 RADIOMETRIX-M48-458-BHX2 Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
M48-433-USX2 RADIOMETRIX-M48-433-USX2 Datasheet
373Kb / 11P
   UHF NBFM multi channel RS232 radio modem
M48-458-SFX2 RADIOMETRIX-M48-458-SFX2 Datasheet
377Kb / 13P
   500mW UHF NBFM multi channel RS232 Radio Modem
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com