Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC1203BPSAR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce AMC1203BPSAR
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AMC1203BPSAR Fiches technique(HTML) 1 Page - Texas Instruments

  AMC1203BPSAR Datasheet HTML 1Page - Texas Instruments AMC1203BPSAR Datasheet HTML 2Page - Texas Instruments AMC1203BPSAR Datasheet HTML 3Page - Texas Instruments AMC1203BPSAR Datasheet HTML 4Page - Texas Instruments AMC1203BPSAR Datasheet HTML 5Page - Texas Instruments AMC1203BPSAR Datasheet HTML 6Page - Texas Instruments AMC1203BPSAR Datasheet HTML 7Page - Texas Instruments AMC1203BPSAR Datasheet HTML 8Page - Texas Instruments AMC1203BPSAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
Output
Buffer
V
REF
+
-
+
-
MDAT
MCLK
Output
Buffer
V
REF
+
-
+
-
POR
BIAS
POR
IsolationBarrier
2nd-Order
DS Modulator
20MHz
RC
Oscillator
V
IN+
V
IN-
Buffer
2.5V
V
REF
AMC1203
SBAS427 – FEBRUARY 2008
www.ti.com
1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
2
• 16-Bit Resolution
The AMC1203 is a 1-bit, 10MHz, isolated delta-sigma
(
ΔΣ) modulator with an output buffer separated from
• SNR: 80.5dB min
the input interface circuitry by a silicon dioxide (SiO2)
• THD: –88dB max (AMC1203B)
isolation
barrier.
This
barrier
provides
galvanic
• ±280mV Input Range with +5V Supply
isolation of up to 4000VPEAK. Used in conjunction with
• Internal 2.5V Reference Voltage: 1% Accuracy
isolated power supplies, these devices prevent noise
currents on a data bus or other circuits from entering
• Gain Error: ±1% (AMC1203B)
the local ground and interfering with or damaging
• UL1577, IEC60747-5-2 (VDE0884, Rev. 2), and
sensitive circuitry.
IEC61010-1 Approved
The AMC1203 modulator operates from a +5V supply
Isolation: 4000VPEAK,
with a dynamic range of 95dB. The differential inputs
Working Voltage: 560V
are ideal for direct connection to shunt resistors or
Transient Immunity: 15kV/
µs
other low-level signal sources. With the appropriate
digital filter and modulator rate, the device can be
• Typical 25-Year Life at Rated Working Voltage
used
to
achieve
16-bit
analog-to-digital
(A/D)
(see Application Report SLLA197)
conversion with no missing codes. An effective
• Operating Temperature Range:
resolution of 14 bits and an SNR of 85dB (typical)
–40
°C to +105°C
can be maintained with a sinc3 filter with a decimation
ratio of 256.
The modulator output is translated to a balanced
• Shunt Based Current Sensing in:
signal and then transferred by the capacitive isolation
Motor Control
barrier. Across the isolation barrier, a differential
Uninterruptible Power Supplies
comparator receives the logic transition information,
and then sets or resets a flip-flop and the output
Power Inverters
circuit accordingly.
Industrial Process Control
The AMC1203 is available in an SO-8 gull-wing
package. SO-8 and SO-16 packages are planned for
release in 2008. The AMC1203 is characterized for
operation over the ambient temperature range of
–40
°C to +105°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - AMC1203BPSAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1203BPSAR TI-AMC1203BPSAR Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results

Description similaire - AMC1203BPSAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com