Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3307-18-EP Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS3307-18-EP
Description  TRIPLE PROCESSOR SUPERVISORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3307-18-EP Fiches technique(HTML) 5 Page - Texas Instruments

  TPS3307-18-EP_07 Datasheet HTML 1Page - Texas Instruments TPS3307-18-EP_07 Datasheet HTML 2Page - Texas Instruments TPS3307-18-EP_07 Datasheet HTML 3Page - Texas Instruments TPS3307-18-EP_07 Datasheet HTML 4Page - Texas Instruments TPS3307-18-EP_07 Datasheet HTML 5Page - Texas Instruments TPS3307-18-EP_07 Datasheet HTML 6Page - Texas Instruments TPS3307-18-EP_07 Datasheet HTML 7Page - Texas Instruments TPS3307-18-EP_07 Datasheet HTML 8Page - Texas Instruments TPS3307-18-EP_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TPS330718EP, TPS330733EP
TRIPLE PROCESSOR SUPERVISORS
SGLS140A − NOVEMBER 2002 − REVISED AUGUST 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2 V to 6 V,
IOH = −20 µA
VDD– 0.2 V
VOH
High-level output voltage
VDD = 3.3 V,
IOH = −2 mA
VDD– 0.4 V
V
VOH
High-level output voltage
VDD = 6 V,
IOH = −3 mA
VDD– 0.4 V
V
VDD = 2 V to 6 V,
IOL = 20 µA
0.2
VOL
Low-level output voltage
VDD = 3.3 V,
IOL = 2 mA
0.4
V
VOL
Low-level output voltage
VDD = 6 V,
IOL = 3 mA
0.4
Power-up reset voltage (see Note 4)
VDD ≥ 1.1 V,
IOL = 20 µA
0.4
V
SENSE3
1.2
1.25
1.29
VIT−
Negative-going input threshold
SENSE1,
VDD = 2 V to 6 V
VSENSE = 1.8 V
1.6
1.68
1.73
V
VIT−
Negative-going input threshold
voltage (see Note 5)
SENSE1,
SENSE2
VDD = 2 V to 6 V
VSENSE = 3.3 V
2.8
2.93
3.02
V
voltage (see Note 5)
SENSE2
VSENSE = 5 V
4.4
4.55
4.67
VIT− = 1.25 V
2
10
30
Vhys
Hysteresis at VSENSEn input
VIT− = 1.68 V
2
15
40
mV
Vhys
Hysteresis at VSENSEn input
VIT− = 2.93 V
3
30
60
mV
VIT− = 4.55 V
3
40
80
MR
MR = 0.7
× VDD,
VDD = 6 V
−130
−180
IH
High-level input current
SENSE1
VSENSE1 = VDD = 6 V
5
8
A
IH
High-level input current
SENSE2
VSENSE2 = VDD = 6 V
6
9
µA
SENSE3
VSENSE3 = VDD
−1
1
IL
Low-level input current
MR
MR = 0 V,
VDD = 6 V
−430
−600
A
IL
Low-level input current
SENSEn
VSENSE1,2,3 = 0 V
−1
1
µA
IDD
Supply current
40
µΑ
Ci
Input capacitance
VI = 0 V to VDD
10
pF
NOTES:
4. The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 µs/V
5. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic 0.1
µF) should be placed close to the supply terminals.


Numéro de pièce similaire - TPS3307-18-EP_07

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results

Description similaire - TPS3307-18-EP_07

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18DG4 TI-TPS3307-18DG4 Datasheet
765Kb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307-5ARZ AD-ADM13307-5ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-EP TI-TPS3307-18-EP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com