Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFR25H Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SFR25H
Description  Standard Metal Film Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFR25H Fiches technique(HTML) 1 Page - Vishay Siliconix

  SFR25H Datasheet HTML 1Page - Vishay Siliconix SFR25H Datasheet HTML 2Page - Vishay Siliconix SFR25H Datasheet HTML 3Page - Vishay Siliconix SFR25H Datasheet HTML 4Page - Vishay Siliconix SFR25H Datasheet HTML 5Page - Vishay Siliconix SFR25H Datasheet HTML 6Page - Vishay Siliconix SFR25H Datasheet HTML 7Page - Vishay Siliconix SFR25H Datasheet HTML 8Page - Vishay Siliconix SFR25H Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Standard Metal Film Resistors
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28722
32
Revision: 08-Dec-05
SFR16S/25/25H
Vishay BCcomponents
FEATURES
• Low cost
• Low noise
• Small size (SFR16S)
• Lead (Pb)-free solder contacts
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Compatible with “Restriction of the use of Hazardous
Substances” (RoHS) directive 2002/95/EC (issue 2004)
APPLICATIONS
• General purpose resistors
A homogeneous film of metal alloy is deposited on a high
grade ceramic body. After a helical groove has been cut in
the resistive layer, tinned connecting leads of electrolytic
copper are welded to the end-caps.
The resistors are coated with a colored lacquer (light-blue for
type SFR16S; light-green for type SFR25 and red-brown for
type SFR25H) which provides electrical, mechanical and
climatic protection. The encapsulation is resistant to all
cleaning solvents, in accordance with “MIL-STD-202E,
method 215”, and “IEC 60068-2045”.
TECHNICAL SPECIFICATIONS
DESCRIPTION
VALUE
SFR16S
SFR25
SFR25H
Resistance range
± 5 %; 1
Ω to3MΩ
± 5 %; 0.22
Ω to 10 MΩ
± 1 %;
4.99
Ω to 3 MΩ
± 1 %; 1
Ω to 10 MΩ
jumper (0
Ω)
jumper (0
Ω)
Resistance tolerance
± 1 %, E24/E96 series; ± 5 %, E24 series
Temperature coefficient:
R<4.7
≤± 250 × 10-6/K
≤± 100 × 10-6/K
≤± 100 × 10-6/K
4.7
Ω≤ R ≤ 100 kΩ
≤± 100 × 10-6/K
≤± 100 × 10-6/K
≤± 100 × 10-6/K
100 k
Ω <R ≤ 1MΩ
≤± 250 × 10-6/K
≤± 100 × 10-6/K
≤± 100 × 10-6/K
R>1 M
≤± 250 × 10-6/K
≤± 250 × 10-6/K
≤± 250 × 10-6/K
Absolute maximum dissipation at Tamb = 70 °C
0.5 W
0.4 W
0.5 W
Thermal resistance, Rth
170 K/W
200 K/W
150 K/W
Maximum permissible voltage
200 V
250 V
350 V
Noise:
R<68 k
max. 0.1 µV/V
max. 0.1 µV/V
max. 0.1 µV/V
68 k
Ω≤ R ≤ 100 kΩ
max. 0.5 µV/V
max. 0.1 µV/V
max. 0.1 µV/V
100 k
Ω≤ R ≤ 1MΩ
max. 1.5 µV/V
max. 0.1 µV/V
max. 0.1 µV/V
R>1 M
max. 1.5 µV/V
max. 1.5 µV/V
max. 1.5 µV/V
Basic specifications
IEC 60115-1 and 60115-2
Climatic category (IEC 60068)
55/155/56
Stability,
∆R/R max., after:
load:
R range
± 2 % + 0.05
± 2 % + 0.05
± 2 % + 0.05
climatic tests:
R
≤ 1MΩ
± 1 % + 0.05
± 1 % + 0.05
± 1 % + 0.05
R>1 M
± 1 % + 0.05
± 1 % + 0.05
± 2 % + 0.1
Soldering
± 0.25 % + 0.05
± 0.25 % + 0.05
± 0.25 % + 0.05
Short time overload
± 0.25 % + 0.05
± 0.25 % + 0.05
± 1 % + 0.05


Numéro de pièce similaire - SFR25H

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SFR25H ETC1-SFR25H Datasheet
349Kb / 15P
   Standard metal film resistors
SFR25H ETC-SFR25H Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
More results

Description similaire - SFR25H

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SFR16S ETC1-SFR16S Datasheet
349Kb / 15P
   Standard metal film resistors
SFR165 ETC-SFR165 Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com