Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFR25 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SFR25
Description  Standard Metal Film Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFR25 Fiches technique(HTML) 3 Page - Vishay Siliconix

  SFR25 Datasheet HTML 1Page - Vishay Siliconix SFR25 Datasheet HTML 2Page - Vishay Siliconix SFR25 Datasheet HTML 3Page - Vishay Siliconix SFR25 Datasheet HTML 4Page - Vishay Siliconix SFR25 Datasheet HTML 5Page - Vishay Siliconix SFR25 Datasheet HTML 6Page - Vishay Siliconix SFR25 Datasheet HTML 7Page - Vishay Siliconix SFR25 Datasheet HTML 8Page - Vishay Siliconix SFR25 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28722
34
Revision: 08-Dec-05
SFR16S/25/25H
Vishay BCcomponents
Standard Metal Film Resistors
PACKING
CODE
PIECES
DESCRIPTION
MODEL/SIZE
N4
4000
Bandolier in ammopack radial taped
SFR25
A5
5000
Bandolier in ammopack straight leads
SFR16S, SFR25,
SFR25H
A1
1000
Bandolier in ammopack straight leads
SFR16S, SFR25,
SFR25H
R5
5000
Bandolier on reel straight leads
SFR16S, SFR25,
SFR25H
DIMENSIONS
Ø D
L1
L2
Ø d
Outline.
DIMENSIONS - resistor types and relevant physical dimensions in millimeters
TYPE
∅ D
MAX.
L1
MAX.
L2
MAX.
∅ d
SFR16S
1.9
3.5
4.1
0.45 ± 0.05
SFR25
2.5
6.5
7.5
0.58 ± 0.05
SFR25H
2.5
6.5
7.5
0.58 ± 0.05
MARKING
The nominal resistance and tolerance are marked on the
resistor using four or five coloured bands in accordance with
IEC publication 60062 “Color codes for fixed resistors”.
OUTLINES
The length of the body (L1) is measured by inserting the
leads into holes of two identical gauge plates and moving
these plates parallel to each other until the resistor body is
clamped without deformation (“IEC publication 60294”).
MASS PER 100 UNITS
TYPE
MASS
(g)
SFR16S
10.2
SFR25
20.5
SFR25H
20.5
FUNCTIONAL PERFORMANCE
PRODUCT CHARACTERIZATION
Standard values of nominal resistance are taken from the E96/E24 series for resistors with a tolerance of ± 1 % or ± 5 %.
The values of the E96/E24 series are in accordance with “IEC publication 60063”.
Note
1. The maximum voltage that may be continuously applied to the resistor element, see “IEC publication 60115-1”.
The maximum permissible hot-spot temperature is 155 °C.
LIMITING VALUES
TYPE
LIMITING VOLTAGE1)
(V)
LIMITING POWER
(W)
SFR16S
200
0.5
SFR25
250
0.4
SFR25H
350
0.5


Numéro de pièce similaire - SFR25

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SFR25 ETC1-SFR25 Datasheet
349Kb / 15P
   Standard metal film resistors
SFR25 ETC-SFR25 Datasheet
693Kb / 12P
   Standard metal film resistors
SFR25H ETC1-SFR25H Datasheet
349Kb / 15P
   Standard metal film resistors
SFR25H ETC-SFR25H Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
More results

Description similaire - SFR25

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SFR16S ETC1-SFR16S Datasheet
349Kb / 15P
   Standard metal film resistors
SFR165 ETC-SFR165 Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com