Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS68332MA16 Fiches technique(PDF) 7 Page - ATMEL Corporation

No de pièce TS68332MA16
Description  High Highperformance 32-bit Integrated Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332MA16 Fiches technique(HTML) 7 Page - ATMEL Corporation

Back Button TS68332MA16 Datasheet HTML 3Page - ATMEL Corporation TS68332MA16 Datasheet HTML 4Page - ATMEL Corporation TS68332MA16 Datasheet HTML 5Page - ATMEL Corporation TS68332MA16 Datasheet HTML 6Page - ATMEL Corporation TS68332MA16 Datasheet HTML 7Page - ATMEL Corporation TS68332MA16 Datasheet HTML 8Page - ATMEL Corporation TS68332MA16 Datasheet HTML 9Page - ATMEL Corporation TS68332MA16 Datasheet HTML 10Page - ATMEL Corporation TS68332MA16 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
7
2118A–HIREL–11/05
TS68332
Development Serial In, Out,
Clock
DSI, DSO,
DSCLK
Serial I/O and clock for background debug mode
TPU Channels
TP15 - TP0
TPU channel input/output Serial I/O and clock for background debug mode
TPU Clock In
T2CLK
External clock source to the TPU
SCI Receive Data
RXD
Serial input to the SCI
SCI Transmit Data
TXD
Serial output from the SCI
Peripheral Chip Select
PCS3 - PCS0
QSPI peripheral chip selects
Slave Select
SS
Places the QSPI in slave mode
QSPI Serial Clock
SCK
Furnishes the clock from the QSPI in master mode or to the QSPI in slave mode
Master-in Slave-out
MISO
Furnishes serial input to the QSPI in master mode, and serial output from the QSPI in
slave mode
Master-out Slave-in
MOSI
Furnishes serial output from the QSPI in master mode, and serial input to the QSPI in
slave mode
Standby RAM
V
STBY
Power supply for RAM
Synchronizer Power
V
DDSYN
Power supply to VCO
System Power Supply and
Return
V
DD, VSS
Power supply and return to the MCU
Table 2-1.
Signal Index (Continued)
Signal Name
Mnemonic
Function


Numéro de pièce similaire - TS68332MA16

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TS68332MA16 ATMEL-TS68332MA16 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
More results

Description similaire - TS68332MA16

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com