Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME51078IHAADJZ Fiches technique(PDF) 8 Page - Analog Microelectronics

No de pièce AME51078IHAADJZ
Description  PWM Control 3A Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME51078IHAADJZ Fiches technique(HTML) 8 Page - Analog Microelectronics

Back Button AME51078IHAADJZ Datasheet HTML 4Page - Analog Microelectronics AME51078IHAADJZ Datasheet HTML 5Page - Analog Microelectronics AME51078IHAADJZ Datasheet HTML 6Page - Analog Microelectronics AME51078IHAADJZ Datasheet HTML 7Page - Analog Microelectronics AME51078IHAADJZ Datasheet HTML 8Page - Analog Microelectronics AME51078IHAADJZ Datasheet HTML 9Page - Analog Microelectronics AME51078IHAADJZ Datasheet HTML 10Page - Analog Microelectronics AME51078IHAADJZ Datasheet HTML 11Page - Analog Microelectronics AME51078IHAADJZ Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AME, Inc.
8
AME5107
Rev.A.01
PWM Control 3A Buck
Converter
n Characterization Curve(For reference only)
Vin vs. FB
Line Regulation
0.74
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0
2
4
6
8
10
12
14
16
18
VIN(V)
IOUT =0.2A
VOUT=3.3V
VIN=12V
VIN (V)
3.10
3.15
3.20
3.25
3.30
3.35
3.40
0
2
4
6
8
10
12
14
16
18
I
OUT =0.2A
VOUT =3.3V
Load Regulation
V
IN v.s Frequency
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
0
0.5
1
1.5
2
2.5
3
IOUT ( A )
VIN=12V
340
345
350
355
360
365
370
375
380
0
2
4
6
8
10
12
14
16
18
VIN (V)
IOUT =0.2A
VOUT=3.3V
Efficiency
Vout Ripple
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
IOUT ( A )
VOUT=5V
VOUT=3.3V
IOUT=0.1A
VOUT= 3.3V
VIN= 12V
20 mV/div
5V /div
VOUT
VSW


Numéro de pièce similaire - AME51078IHAADJZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV12AZ AME-AME5104ACDV12AZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV330Z AME-AME5104ACDV330Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV500Z AME-AME5104ACDV500Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDVADJZ AME-AME5104ACDVADJZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
More results

Description similaire - AME51078IHAADJZ

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS2509 TSC-TS2509_13 Datasheet
502Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2509 TSC-TS2509 Datasheet
497Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2515 TSC-TS2515 Datasheet
205Kb / 7P
   3A / 380KHz PWM Buck Converter
TS2508A TSC-TS2508A_12 Datasheet
203Kb / 8P
   3A / 330KHz PWM Buck Converter
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
   3A / 330KHz PWM Buck Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
logo
Unisonic Technologies
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com