Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

40-01-X4C-4NQB Fiches technique(PDF) 1 Page - Everlight Electronics Co., Ltd

No de pièce 40-01-X4C-4NQB
Description  Warm White POWER LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

40-01-X4C-4NQB Fiches technique(HTML) 1 Page - Everlight Electronics Co., Ltd

  40-01-X4C-4NQB Datasheet HTML 1Page - Everlight Electronics Co., Ltd 40-01-X4C-4NQB Datasheet HTML 2Page - Everlight Electronics Co., Ltd 40-01-X4C-4NQB Datasheet HTML 3Page - Everlight Electronics Co., Ltd 40-01-X4C-4NQB Datasheet HTML 4Page - Everlight Electronics Co., Ltd 40-01-X4C-4NQB Datasheet HTML 5Page - Everlight Electronics Co., Ltd 40-01-X4C-4NQB Datasheet HTML 6Page - Everlight Electronics Co., Ltd 40-01-X4C-4NQB Datasheet HTML 7Page - Everlight Electronics Co., Ltd 40-01-X4C-4NQB Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Technical Data Sheet
Warm White POWER LED
40-01/X4C-4NQB
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev. 1
Page: 1 of 8
Device Number : DLE-400-002
Establish date: 03-05-2007
Establish by: Jim Lin
Features
. High Flux Output.
. Low Profile.
. Low Thermal Resistance.
. Low Power Consumption
. The phosphor filled in the reflector converts the blue emission
of InGaN chip to warm white.
. The product itself will remain within RoHS compliant version.
. Wide viewing angles115°
. Typical chromaticity coordinates x=0.45, y=0.41 according to CIE1931.
. ESD-withstand voltage: up to 4KV
Descriptions
This revolutionary package design allows the light designer to reduce the number of LEDs
required and provide a more uniform and unique illuminated appearance than with other LED
solutions. This is possible through the efficient optical package design and high-current capabilities.
The low profile package can be easily coupled with reflectors or lenses to efficiently distribute
light and provide the desired light appearance.
Applications
. Automotive Exterior Lighting
. Electronic Signs and Signals
. Special Lighting application
Device Selection Guide
Chip
PART NO.
Material
Emitted Color
Lens Color
40-01/X4C-4NQB
InGaN
White
Water Clear


Numéro de pièce similaire - 40-01-X4C-4NQB

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
40-01-1181 MOLEX11-40-01-1181 Datasheet
121Kb / 1P
   CRIMP STYLE KK TYPE, .156 CENTERS W/ANTIFISHOOKING FEATURE
40-01-1182 MOLEX11-40-01-1182 Datasheet
121Kb / 1P
   CRIMP STYLE KK TYPE, .156 CENTERS W/ANTIFISHOOKING FEATURE
logo
Everlight Electronics C...
40-01-B4C-AJMB EVERLIGHT-40-01-B4C-AJMB Datasheet
119Kb / 7P
   Dome POWER LED
40-01-G4C-AQSB EVERLIGHT-40-01-G4C-AQSB Datasheet
119Kb / 7P
   Dome POWER LED 30
40-01-T4C-4PRB EVERLIGHT-40-01-T4C-4PRB Datasheet
133Kb / 8P
   Dome POWER LED
More results

Description similaire - 40-01-X4C-4NQB

FabricantNo de pièceFiches techniqueDescription
logo
Elite Enterprises (H.K....
PP6N-FLXX-3SC ELITE-PP6N-FLXX-3SC Datasheet
844Kb / 19P
   0.5W White/ Warm White Power LED
PM2B-4LXE-SD ELITE-PM2B-4LXE-SD Datasheet
1Mb / 16P
   4W White/ Warm White Power LED
PG1C-4LXX-SD ELITE-PG1C-4LXX-SD Datasheet
853Kb / 19P
   4W White/ Warm White Power LED
PM2A-4LXX-SD ELITE-PM2A-4LXX-SD Datasheet
884Kb / 16P
   4W White/ Warm White Power LED
PM2L-4LXE-SD ELITE-PM2L-4LXE-SD Datasheet
1Mb / 16P
   4W White/ Warm White Power LED
PF6M-10LXP-4SC ELITE-PF6M-10LXP-4SC Datasheet
774Kb / 13P
   10W White/ Warm White Power LED
PF6M-15LXP-6SC ELITE-PF6M-15LXP-6SC Datasheet
778Kb / 13P
   15W White/ Warm White Power LED
logo
Unisonic Technologies
PWW01NBT-C0 UTC-PWW01NBT-C0 Datasheet
247Kb / 4P
   Warm WHITE HIGH POWER LED
logo
Lite-On Technology Corp...
LOPL-E011M LITEON-LOPL-E011M Datasheet
201Kb / 12P
   1W Warm White Power LED
logo
Marl International Limi...
NSPL515DS MARL-NSPL515DS Datasheet
500Kb / 15P
   WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com