Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HC123B1R Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M74HC123B1R
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC123B1R Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M74HC123B1R Datasheet HTML 3Page - STMicroelectronics M74HC123B1R Datasheet HTML 4Page - STMicroelectronics M74HC123B1R Datasheet HTML 5Page - STMicroelectronics M74HC123B1R Datasheet HTML 6Page - STMicroelectronics M74HC123B1R Datasheet HTML 7Page - STMicroelectronics M74HC123B1R Datasheet HTML 8Page - STMicroelectronics M74HC123B1R Datasheet HTML 9Page - STMicroelectronics M74HC123B1R Datasheet HTML 10Page - STMicroelectronics M74HC123B1R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH
tPHL
Propagation
Delay Time
(A, B - Q, Q)
2.0
102
210
265
315
ns
4.5
29
42
53
63
6.0
22
36
45
54
tPLH
tPHL
Propagation
Delay Time
(CLRTRIGGER- Q,Q)
2.0
102
235
295
355
ns
4.5
31
47
59
71
6.0
23
40
50
60
tPLH
tPHL
Propagation
Delay Time
(CLR - Q, Q)
2.0
68
160
200
240
ns
4.5
20
32
40
48
6.0
16
27
34
41
tWOUT
Output Pulse
Width
(for HC123)
2.0
CX = 100 pF
RX =10 K
1.4
µs
4.5
1.2
6.0
1.1
2.0
CX = 0.1
µF
RX = 100 K
4.6
ms
4.5
4.4
6.0
4.3
tWOUT
Output Pulse
Width
(for HC123A)
2.0
CX = 100 pF
RX =10 K
1.9
µs
4.5
1.6
6.0
1.5
2.0
CX = 0.1
µF
RX = 100 K
9.8
ms
4.5
9.5
6.0
9.4
∆tWOUT
Output Pulse
Width Error
Between Circuits
in Same Package
±1
%
tW(H)
tW(L)
Minimum Pulse
Width
2.0
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
tW(L)
Minimum Pulse
Width (CLR)
2.0
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
trr
Minimum
Retrigger Time
2.0
CX = 100 pF
RX =1 K
325
ns
4.5
108
6.0
78
2.0
CX = 0.1
µF
RX = 100 K
5
µs
4.5
1.4
6.0
1.2
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
162
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(RefertoTestCircuit). Average operting current canbeobtained by the following equation. ICC(opr) =CPD
•VCC •fIN +ICC’ Duty/100 + IC/2(per monostable)
(ICC’: Active Supply Current) (Duty:%)
M54/M74HC123/123A
7/14


Numéro de pièce similaire - M74HC123B1R

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M74HC123B1R STMICROELECTRONICS-M74HC123B1R Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
More results

Description similaire - M74HC123B1R

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14