Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMIF04-1502M8 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce EMIF04-1502M8
Description  4-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF04-1502M8 Fiches technique(HTML) 3 Page - STMicroelectronics

  EMIF04-1502M8 Datasheet HTML 1Page - STMicroelectronics EMIF04-1502M8 Datasheet HTML 2Page - STMicroelectronics EMIF04-1502M8 Datasheet HTML 3Page - STMicroelectronics EMIF04-1502M8 Datasheet HTML 4Page - STMicroelectronics EMIF04-1502M8 Datasheet HTML 5Page - STMicroelectronics EMIF04-1502M8 Datasheet HTML 6Page - STMicroelectronics EMIF04-1502M8 Datasheet HTML 7Page - STMicroelectronics EMIF04-1502M8 Datasheet HTML 8Page - STMicroelectronics EMIF04-1502M8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EMIF04-1502M8
Ordering information scheme
3/10
Figure 7.
Line capacitance versus reverse voltage applied (typical value)
2
Ordering information scheme
Figure 8.
Ordering information scheme
Figure 5.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on one input
(Vin) and on one output (Vout)
Figure 6.
ESD response to IEC 61000-4-2
(- 15 kV air discharge) on one input
(Vin) and on one output (Vout)
C1 = 10 V/d
Vin
C2 = 5 V/d
Vout
100 ns/d
C1 = 10 V/d
C2 = 5 V/d
100 ns/d
Vin
Vout
0
2
4
6
8
10
12
14
16
18
20
22
24
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
CLINE(pF)
VLINE(V)
EMIF
yy
-
xxx z
Mx
EMI Filter
Number of lines
Information
Package
x = resistance value (Ohms)
z = capacitance value / 10(pF)
Mx = Micro QFN x leads


Numéro de pièce similaire - EMIF04-1502M8

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
EMIF04-1502QCF STMICROELECTRONICS-EMIF04-1502QCF Datasheet
122Kb / 5P
   4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
December 2004 REV. 1
EMIF04-1502QCF STMICROELECTRONICS-EMIF04-1502QCF Datasheet
130Kb / 6P
   4 LINE LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
EMIF04-1502QCF STMICROELECTRONICS-EMIF04-1502QCF_05 Datasheet
130Kb / 6P
   4 LINE LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
More results

Description similaire - EMIF04-1502M8

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
EMIF04-1005M8 STMICROELECTRONICS-EMIF04-1005M8 Datasheet
181Kb / 10P
   4-line IPAD low capacitance EMI filter and ESD protection in micro QFN package
EMIF08-1502M16 STMICROELECTRONICS-EMIF08-1502M16 Datasheet
196Kb / 10P
   8-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
EMIF06-1502M12 STMICROELECTRONICS-EMIF06-1502M12_08 Datasheet
195Kb / 10P
   6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
EMIF06-1005M12 STMICROELECTRONICS-EMIF06-1005M12 Datasheet
180Kb / 10P
   6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
EMIF08-1005M16 STMICROELECTRONICS-EMIF08-1005M16 Datasheet
276Kb / 10P
   8-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
EMIF06-1005N12 STMICROELECTRONICS-EMIF06-1005N12 Datasheet
486Kb / 12P
   6-line IPAD?? low capacitance EMI filter and ESD protection in Narrow Micro QFN package
EMIF02-1003M6 STMICROELECTRONICS-EMIF02-1003M6 Datasheet
199Kb / 10P
   2 line IPAD?? EMI filter and ESD protection in Micro QFN package
EMIF01-1003M3 STMICROELECTRONICS-EMIF01-1003M3_10 Datasheet
136Kb / 11P
   1 line IPAD?? EMI filter and ESD protection in Micro QFN package
EMIF01-1003M3 STMICROELECTRONICS-EMIF01-1003M3 Datasheet
131Kb / 10P
   1 line IPAD, EMI filter and ESD protection in Micro QFN package
EMIF06-1502M12 STMICROELECTRONICS-EMIF06-1502M12 Datasheet
210Kb / 9P
   6 line low capacitance EMI filter and ESD protection in Micro QFN package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com