Moteur de recherche de fiches techniques de composants électroniques |
|
SN74CBTD3384CPWRE4 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
SN74CBTD3384CPWRE4 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 18 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 74CBTD3384CDBQRE4 ACTIVE SSOP/ QSOP DBQ 24 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 74CBTD3384CDBQRG4 ACTIVE SSOP/ QSOP DBQ 24 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 74CBTD3384CDGVRE4 ACTIVE TVSOP DGV 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74CBTD3384CDGVRG4 ACTIVE TVSOP DGV 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CDBQR ACTIVE SSOP/ QSOP DBQ 24 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR SN74CBTD3384CDBR ACTIVE SSOP DB 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CDBRE4 ACTIVE SSOP DB 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CDBRG4 ACTIVE SSOP DB 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CDGVR ACTIVE TVSOP DGV 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CDW ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CDWE4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CDWG4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CDWR ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CDWRE4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CDWRG4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CPW ACTIVE TSSOP PW 24 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CPWE4 ACTIVE TSSOP PW 24 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CPWG4 ACTIVE TSSOP PW 24 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CPWR ACTIVE TSSOP PW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CPWRE4 ACTIVE TSSOP PW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBTD3384CPWRG4 ACTIVE TSSOP PW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. PACKAGE OPTION ADDENDUM www.ti.com 28-May-2007 Addendum-Page 1 |
Numéro de pièce similaire - SN74CBTD3384CPWRE4 |
|
Description similaire - SN74CBTD3384CPWRE4 |