Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74CBTU4411GSTR Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce SN74CBTU4411GSTR
Description  11-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 1.8-V DDR-II SWITCH WITH CHARGE PUMP AND PRECHARGED OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTU4411GSTR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN74CBTU4411GSTR Datasheet HTML 6Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 7Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 8Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 9Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 10Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 11Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 12Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 13Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SN74CBTU4411
11BIT 1OF4 FET MULTIPLEXER/DEMULTIPLEXER
1.8V DDRII SWITCH WITH CHARGE PUMP AND PRECHARGED OUTPUTS
SCDS192 − APRIL 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
(Skew and Propagation Delay Times)
CL
(see Note A)
TEST CIRCUIT
T1†
VDD
GND
RL
RL
NOTES: A. CL includes probe and jig capacitance.
B. tosk is the difference in output voltage from channel to channel in a specific device.
C. tPLH and tPHL are the same as tpd and tesk = |tPLH − tPHL|
D. All input pulses are supplied by generators having the following characteristics: ZOS = 50 Ω,rising and falling edge rate is 1 V/ns.
E. The outputs are measured one at a time, with one transition per measurement.
VG1
VDD
DUT
VIN
VG2
VI
TEST
RL
T1†
CL
VDD
VI
tpd
1.8 V
± 0.1 V
VDD
VO
150
6 pF
tosk
tesk
1.8 V
± 0.1 V
1.8 V
± 0.1 V
VDD
VDD
150
150
see Waveform
6 pF
6 pF
† T1 is an external terminal.
ZO = 40 Ω
tPLH
tPHL
VREF
+0.35 V
VREF
−0.35 V
VOH
VOL
Input
(H or D)
VOLTAGE WAVEFORMS
(tesk and tpd) (see Note C)
Output
(D or H)
50%
50%
50%
50%
Skew
SKEW BETWEEN ANY TWO OUTPUTS
(tosk) (see Note B)
VOH
VOL
VOH
VOL
ZO = 40 Ω
see Waveform
50
120
ZO = 40 Ω
2
y VDD
see Waveform
VREF
+0.35 V
VREF
−0.35 V
Input
(H or D)
50%
50%
Output 1
(D or H)
Output 2
(D or H)
Figure 2. Test Circuit and Voltage Waveforms


Numéro de pièce similaire - SN74CBTU4411GSTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBTU4411ZSTR TI1-SN74CBTU4411ZSTR Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
More results

Description similaire - SN74CBTU4411GSTR

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74CB3Q3257 NEXPERIA-74CB3Q3257 Datasheet
218Kb / 17P
   4-bit 1-of-2 FET multiplexer/demultiplexer with charge pump
74CB3Q3257-Q100 NEXPERIA-74CB3Q3257-Q100 Datasheet
217Kb / 13P
   4-bit 1-of-2 FET multiplexer/demultiplexer with charge pump
Rev. 1 - 20 February 2019
74CB3Q3253 NEXPERIA-74CB3Q3253 Datasheet
220Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer with charge pump
logo
NXP Semiconductors
CBT6832C PHILIPS-CBT6832C Datasheet
67Kb / 8P
   16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Jul 18
CBT6832D PHILIPS-CBT6832D Datasheet
67Kb / 8P
   16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Sep 01
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com