Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N32STB-V Fiches technique(PDF) 5 Page - Everlight Electronics Co., Ltd

No de pièce 4N32STB-V
Description  6 PIN PHOTODARLINGTON PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

4N32STB-V Fiches technique(HTML) 5 Page - Everlight Electronics Co., Ltd

  4N32STB-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 4N32STB-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 4N32STB-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 4N32STB-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 4N32STB-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 4N32STB-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 4N32STB-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 4N32STB-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 4N32STB-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
6 PIN PHOTODARLINGTON
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
5
http://www.everlight.com
Document No:PDS-ELSD-113 Rev. 0
April, 2 2008
TIL113
4NXX Series
H11BX Series
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
H11B1
H11B2
H11B3
H11B255
-
25
VCC = 10V, IF = 10mA,
RL = 100Ω
Turn-on time
4N29
4N30
4N31
4N32
4N33
TIL113
Ton
-
-
5
µs
VCC = 10V, IC = 50mA,
IF=200mA
H11B1
H11B2
H11B3
H11B255
-
18
VCC = 10V, IF = 10mA,
RL = 100Ω
4N32
4N33
TIL113
-
-
100
Turn-off time
4N29
4N30
4N31
Toff
40
µs
VCC = 10V, IC = 50mA,
IF=200mA
* Typical values at Ta = 25°C


Numéro de pièce similaire - 4N32STB-V

FabricantNo de pièceFiches techniqueDescription
logo
CT Micro International ...
4N32ST1 CTMICRO-4N32ST1 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N32ST1-G CTMICRO-4N32ST1-G Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N32ST2 CTMICRO-4N32ST2 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N32ST2-G CTMICRO-4N32ST2-G Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
More results

Description similaire - 4N32STB-V

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
TIL113 EVERLIGHT-TIL113 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL825 EVERLIGHT-EL825_13 Datasheet
708Kb / 12P
   8 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL815 EVERLIGHT-EL815_16 Datasheet
812Kb / 13P
   4 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
4NXX EVERLIGHT-4NXX_09 Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
logo
Everlight Electronics C...
EL852 EVERLIGHT-EL852_14 Datasheet
958Kb / 14P
   4 PIN DIP HIGH VOLTAGE PHOTODARLINGTON PHOTOCOUPLER
EL452-G EVERLIGHT-EL452-G_13 Datasheet
1Mb / 11P
   4 PIN SOP HIGH VOLTAGE PHOTODARLINGTON PHOTOCOUPLER
logo
COSMO Electronics Corp...
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KP5010 COSMO-KP5010_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com