Moteur de recherche de fiches techniques de composants électroniques |
|
SN74HC368PWT Fiches technique(PDF) 1 Page - Texas Instruments |
|
SN74HC368PWT Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 18 page SN54HC368, SN74HC368 HEX INVERTING BUFFERS AND LINE DRIVERS WITH 3STATE OUTPUTS SCLS310D − JANUARY 1996 −REVISED OCTOBER 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Wide Operating Voltage Range of 2 V to 6 V D High-Current 3-State Outputs Drive Bus Lines, Buffer Memory Address Registers, or Drive Up To 15 LSTTL Loads D Inverting Outputs D Low Power Consumption, 80-µA Max ICC D Typical tpd = 10 ns D ±6-mA Output Drive at 5 V D Low Input Current of 1 µA Max description/ordering information These hex inverting buffers and line drivers are designed specifically to improve both the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. The ’HC368 devices are organized as dual 4-line and 2-line buffers/drivers with active-low output-enable (1OE and 2OE) inputs. When OE is low, the device passes inverted data from the A inputs to the Y outputs. When OE is high, the outputs are in the high-impedance state. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube of 25 SN74HC368N SN74HC368N Tube of 40 SN74HC368D SOIC − D Reel of 2500 SN74HC368DR HC368 SOIC − D Reel of 250 SN74HC368DT HC368 −40 °C to 85°C SOP − NS Reel of 2000 SN74HC368NSR HC368 −40 C to 85 C SSOP − DB Reel of 2000 SN74HC368DBR HC368 Tube of 90 SN74HC368PW TSSOP − PW Reel of 2000 SN74HC368PWR HC368 TSSOP − PW Reel of 250 SN74HC368PWT HC368 CDIP − J Tube of 25 SNJ54HC368J SNJ54HC368J −55 °C to 125°C CFP − W Tube of 150 SNJ54HC368W SNJ54HC368W −55 C to 125 C LCCC − FK Tube of 55 SNJ54HC368FK SNJ54HC368FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. 32 1 20 19 910 11 1213 4 5 6 7 8 18 17 16 15 14 2A2 2Y2 NC 2A1 2Y1 1Y1 1A2 NC 1Y2 1A3 SN54HC368 . . . FK PACKAGE (TOP VIEW) NC − No internal connection 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 1OE 1A1 1Y1 1A2 1Y2 1A3 1Y3 GND VCC 2OE 2A2 2Y2 2A1 2Y1 1A4 1Y4 SN54HC368 ...J OR W PACKAGE SN74HC368 . . . D, DB, N, NS, OR PW PACKAGE (TOP VIEW) Copyright 2003, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - SN74HC368PWT |
|
Description similaire - SN74HC368PWT |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |