Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVTH16374DL Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce 74ALVTH16374DL
Description  2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74ALVTH16374DL Fiches technique(HTML) 10 Page - Texas Instruments

Back Button 74ALVTH16374DL Datasheet HTML 6Page - Texas Instruments 74ALVTH16374DL Datasheet HTML 7Page - Texas Instruments 74ALVTH16374DL Datasheet HTML 8Page - Texas Instruments 74ALVTH16374DL Datasheet HTML 9Page - Texas Instruments 74ALVTH16374DL Datasheet HTML 10Page - Texas Instruments 74ALVTH16374DL Datasheet HTML 11Page - Texas Instruments 74ALVTH16374DL Datasheet HTML 12Page - Texas Instruments 74ALVTH16374DL Datasheet HTML 13Page - Texas Instruments 74ALVTH16374DL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
t
h
t
su
FromOutput
UnderTest
C =30pF
(seeNote A)
L
LOADCIRCUIT
S1
2xV
CC
Open
GND
500 W
Data
Input
Timing
Input
0V
0V
0V
Input
Output
Waveform1
S1at2xV
(seeNoteB)
CC
Output
Waveform2
S1atGND
(seeNoteB)
V
OL
V
OH
0V
0V
Output
t
/t
PLH
PHL
Open
TEST
S1
Output
Control
(low-level
enabling)
V /2
CC
V /2
CC
V /2
CC
V /2
CC
V /2
CC
500 W
2xV
CC
t
/t
PLZ
PZL
GND
t
/t
PHZ
PZH
VOLTAGEWAVEFORMS
ENABLE ANDDISABLETIMES
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
NOTES: A. C includesprobeandjigcapacitance.
B. Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol.
Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol.
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
,t
2ns,
t
2ns.
D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
L
O
r
f
£
W
VOLTAGEWAVEFORMS
SETUP ANDHOLDTIMES
V
CC
V
CC
V
CC
V /2
CC
V /2
CC
V
CC
t
PZL
t
PLZ
t
PHZ
t
PZH
V
– 0.15V
OH
V
+0.15V
OL
V /2
CC
V /2
CC
V
OL
V
CC
V
OH
V /2
CC
V /2
CC
t
PLH
t
PHL
0V
t
W
Input
VOLTAGEWAVEFORMS
PULSEDURATION
V /2
CC
V /2
CC
V
CC
SN54ALVTH16374,, SN74ALVTH16374
2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCES068G – JUNE 1996 – REVISED NOVEMBER 2006
V
CC = 2.5 V ± 0.2 V
Figure 1. Load Circuit and Voltage Waveforms
10
Submit Documentation Feedback


Numéro de pièce similaire - 74ALVTH16374DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ALVTH16374GRE4 TI-74ALVTH16374GRE4 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH16374VRE4 TI-74ALVTH16374VRE4 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH16374ZQLR TI-74ALVTH16374ZQLR Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Description similaire - 74ALVTH16374DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ALVTH16374 TI-SN54ALVTH16374 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH32374 TI-SN54ALVTH32374_08 Datasheet
520Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH32374 TI-SN54ALVTH32374 Datasheet
179Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH32374ZKER TI-74ALVTH32374ZKER Datasheet
888Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI1-SN54LVTH162374_14 Datasheet
942Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI-SN54LVTH162374_07 Datasheet
599Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI-SN54LVTH162374 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Texas Instruments
SN54LVT574 TI-SN54LVT574 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com