Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M40Z300SH Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce M40Z300SH
Description  NVRAM CONTROLLER for up to EIGHT LPSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300SH Fiches technique(HTML) 2 Page - STMicroelectronics

  M40Z300SH Datasheet HTML 1Page - STMicroelectronics M40Z300SH Datasheet HTML 2Page - STMicroelectronics M40Z300SH Datasheet HTML 3Page - STMicroelectronics M40Z300SH Datasheet HTML 4Page - STMicroelectronics M40Z300SH Datasheet HTML 5Page - STMicroelectronics M40Z300SH Datasheet HTML 6Page - STMicroelectronics M40Z300SH Datasheet HTML 7Page - STMicroelectronics M40Z300SH Datasheet HTML 8Page - STMicroelectronics M40Z300SH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
M40Z300, M40Z300W
2/16
When an invalid VCC condition occurs, the condi-
tioned chip enable outputs (E1CON to E4CON ) are
forced inactive to write-protect the stored data in
the SRAM. During a power failure, the SRAM is
switched from the VCC pin to the lithium cell within
the SNAPHAT to provide the energy required for
data retention. On a subsequent power-up, the
SRAM remains write protected until a valid power
condition returns.
The 28 pin, 330 mil SOIC provides sockets with
gold plated contacts for direct connection to a sep-
arate SNAPHAT housing containing the battery.
The SNAPHAT housing has gold plated pins
which mate with the sockets, ensuring reliable
connection. The housing is keyed to prevent im-
proper insertion. This unique design allows the
SNAPHAT battery package to be mounted on top
of the SOIC package after the completion of the
surface mount process which greatly reduces the
board manufacturing process complexity of either
directly soldering or inserting a battery into a sol-
dered holder. Providing non-volatility becomes a
"SNAP".
The 16 pin SOIC provides battery pins for an ex-
ternal user supplied battery.
Figure 2A. SOIC28 Connections
AI02243
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
NC
NC
BL
NC
A
NC
B
RST
NC
NC
NC
E1CON
NC
E3CON
E
E2CON
NC
NC
NC
NC
THS
NC
VSS
E4CON
NC
NC
VOUT
VCC
M40Z300
M40Z300W
Table 1. Signal Names
THS
Threshold Select Input
E
Chip Enable Input
E1CON-E4CON
Conditioned Chip Enable Output
A, B
Decoder Inputs
RST
Reset Output (Open Drain)
BL
Battery Low Output (Open Drain)
VOUT
Supply Voltage Output
VCC
Supply Voltage
VSS
Ground
B+
Positive Battery Pin
B–
Negative Battery Pin
NC
Not Connected Internally
Figure 2B. SOIC16 Connections
AI03624
8
2
3
4
5
6
710
16
15
14
13
12
11
1
A
RST
B
E1CON
E
E2CON
B– (B+)
VSS
NC
VOUT
VCC
M40Z300
M40Z300W
BL
THS
E3CON
E4CON
9
B+ (B–)
( ) = M40Z300W


Numéro de pièce similaire - M40Z300SH

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z300AVMH1E STMICROELECTRONICS-M40Z300AVMH1E Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
More results

Description similaire - M40Z300SH

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
logo
Gennum Corporation
3374N GENNUM-3374N Datasheet
171Kb / 9P
   Protects up to eight lines
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16