Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS71108AJ-12 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce GS71108AJ-12
Description  128K x 8 1Mb Asynchronous SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

GS71108AJ-12 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  GS71108AJ-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71108AJ-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
GS71108ATP/J/SJ/U
128K x 8
1Mb Asynchronous SRAM
7, 8, 10, 12 ns
3.3 V VDD
Center VDD and VSS
SOJ, TSOP, FP-BGA
Commercial Temp
Industrial Temp
Rev: 1.08 6/2006
1/16
© 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Fast access time: 7, 8, 10, 12 ns
• CMOS low power operation: 140/120/95/80 mA at minimum
cycle time
• Single 3.3 V power supply
• All inputs and outputs are TTL-compatible
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package line up
J:
400 mil, 32-pin SOJ package
GJ : RoHS-compliant 400 mil, 32-pin SOJ package
TP: 400 mil, 32-pin TSOP Type II package
GP: RoHS-compliant 400 mil, 32-pin TSOP Type II
package
SJ: 300 mil, 32-pin SOJ package
U:
6 mm x 8 mm Fine Pitch Ball Grid Array package
GU: RoHS-compliant 6 mm x 8 mm Fine Pitch Ball Grid
Array package
Description
The GS71108A is a high speed CMOS Static RAM organized
as 131,072 words by 8 bits. Static design eliminates the need
for external clocks or timing strobes. The GS operates on a
single 3.3 V power supply and all inputs and outputs are TTL-
compatible. The GS71108A is available in a 6 mm x 8 mm
Fine Pitch BGA package, as well as in 300 mil and 400 mil
SOJ and 400 mil TSOP Type-II packages.
Pin Descriptions
Symbol
Description
A0–A16
Address input
DQ1–DQ8
Data input/output
CE
Chip enable input
WE
Write enable input
OE
Output enable input
V
+3.3 V power supply
V
Ground
NC
No connect
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A3
A2
A1
A0
CE
DQ1
DQ2
VDD
VSS
DQ3
DQ4
WE
A16
A15
A14
A13
A4
A5
A6
A7
OE
DQ8
DQ7
VSS
VDD
DQ6
DQ5
A8
A9
A10
A11
A12
32-pin
400 mil SOJ
300 mil SOJ
&
&
400 mil TSOP II
SOJ & TSOP-II 128K x 8-Pin Configuration
Packages J, TP, and SJ
1
2
3
4
5
6
A
NC
OE
A2
A6
A7
NC
B
DQ1
NC
A1
A5
CE
DQ8
C
DQ2
NC
A0
A4
NC
DQ7
D
VSS
NC
NC
A3
NC
VDD
E
VDD
NC
NC
NC
NC
VSS
F
DQ3
NC
A14
A11
DQ5
DQ6
G
DQ4
NC
A15
A12
WE
A8
H
NC
A10
A16
A13
A9
NC
Fine Pitch BGA 128K x 8-Bump Configuration
Package U
6 mm x 8 mm, 0.75 mm Bump Pitch
Top View
DD
SS


Numéro de pièce similaire - GS71108AJ-12

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GS71108AJ-12 ETC-GS71108AJ-12 Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108AJ-12I ETC-GS71108AJ-12I Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
More results

Description similaire - GS71108AJ-12

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com