Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4962M Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TS4962M
Description  3W filter-free class D audio power amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Fiches technique(HTML) 4 Page - STMicroelectronics

  TS4962M_07 Datasheet HTML 1Page - STMicroelectronics TS4962M_07 Datasheet HTML 2Page - STMicroelectronics TS4962M_07 Datasheet HTML 3Page - STMicroelectronics TS4962M_07 Datasheet HTML 4Page - STMicroelectronics TS4962M_07 Datasheet HTML 5Page - STMicroelectronics TS4962M_07 Datasheet HTML 6Page - STMicroelectronics TS4962M_07 Datasheet HTML 7Page - STMicroelectronics TS4962M_07 Datasheet HTML 8Page - STMicroelectronics TS4962M_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Application component information
TS4962M
4/41
2
Application component information
Figure 1.
Typical application schematics
Table 3.
Component information
Component
Functional description
Cs
Bypass supply capacitor. Install as close as possible to the TS4962M to
minimize high-frequency ripple. A 100nF ceramic capacitor should be
added to enhance the power supply filtering at high frequency.
Rin
Input resistor to program the TS4962M differential gain (gain
= 300k
Ω/Rin
with Rin in kΩ).
Input
capacitor
Due to common mode feedback, these input capacitors are optional.
However, they can be added to form with Rin a 1st order high pass filter with
-3dB cut-off frequency
= 1/(2*
π*Rin*Cin).
Rin
Rin
Cs
1u
GND
GND
GND
Vcc
Vcc
SPEAKER
In-
Stdby
In+
Out-
Out+
Vcc
C2
C1
A1
A2
A3
B1
B2
B3
C3
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
TS4962
capacitors
Input
are optional
+
-
Differential
Input
In+
GND
In-
GND
Rin
Rin
Cs
1u
GND
GND
GND
Vcc
Vcc
+
-
Differential
Input
capacitors
Input
are optional
In+
GND
In-
GND
2µF
15µH
15µH
Load
4 Ohms LC Output Filter
8 Ohms LC Output Filter
2µF
GND
1µF
30µH
30µH
1µF
GND
In-
Stdby
In+
Out-
Out+
Vcc
C2
C1
A1
A2
A3
B1
B2
B3
C3
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
TS4962


Numéro de pièce similaire - TS4962M_07

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS4962MEIJT STMICROELECTRONICS-TS4962MEIJT Datasheet
1Mb / 32P
   3W Filter - free Class D Audio Power Amplifier
More results

Description similaire - TS4962M_07

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962 Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962M STMICROELECTRONICS-TS4962M Datasheet
1Mb / 32P
   3W Filter - free Class D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com