Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LV11A Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74LV11A
Description  TRIPLE 3-INPUT POSITIVE-AND GATES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LV11A Fiches technique(HTML) 4 Page - Texas Instruments

  SN74LV11A Datasheet HTML 1Page - Texas Instruments SN74LV11A Datasheet HTML 2Page - Texas Instruments SN74LV11A Datasheet HTML 3Page - Texas Instruments SN74LV11A Datasheet HTML 4Page - Texas Instruments SN74LV11A Datasheet HTML 5Page - Texas Instruments SN74LV11A Datasheet HTML 6Page - Texas Instruments SN74LV11A Datasheet HTML 7Page - Texas Instruments SN74LV11A Datasheet HTML 8Page - Texas Instruments SN74LV11A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN54LV11A, SN74LV11A
TRIPLE 3INPUT POSITIVEAND GATES
SCES345D − DECEMBER 2000 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV11A
SN74LV11A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A, B, or C
Y
CL = 15 pF
6.9*
13.8*
1*
16*
1
16
ns
tpd
A, B, or C
Y
CL = 50 pF
9.9
17.5
1
21
1
21
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV11A
SN74LV11A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A, B, or C
Y
CL = 15 pF
5.2*
8.8*
1*
10.5*
1
10.5
ns
tpd
A, B, or C
Y
CL = 50 pF
7.2
12.3
1
14
1
14
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV11A
SN74LV11A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A, B, or C
Y
CL = 15 pF
3.9*
5.9*
1*
7*
1
7
ns
tpd
A, B, or C
Y
CL = 50 pF
5.4
7.9
1
9
1
9
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics, VCC = 3.3 V, CL = 50 pF, TA = 25°C (see Note 5)
PARAMETER
SN74LV11A
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.2
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
0
−0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
3.2
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
NOTE 5: Characteristics are for surface-mount packages only.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
3.3 V
13.9
pF
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5 V
15.4
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - SN74LV11A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LV11A TI-SN74LV11A Datasheet
323Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74LV11A TI-SN74LV11A Datasheet
475Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74LV11A-EP TI1-SN74LV11A-EP Datasheet
509Kb / 11P
[Old version datasheet]   TRIPLE 3-INPUT POSTIVE-AND GATE
SN74LV11A-Q1 TI1-SN74LV11A-Q1 Datasheet
225Kb / 10P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATE
SN74LV11AD TI-SN74LV11AD Datasheet
323Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results

Description similaire - SN74LV11A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LV11A TI-SN54LV11A Datasheet
323Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
54ACT11011 TI-54ACT11011 Datasheet
68Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11 Datasheet
521Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI-SN54HC11 Datasheet
518Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LS11 TI-SN54LS11 Datasheet
179Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI1-SN54HC11_15 Datasheet
878Kb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54F11 TI1-SN54F11_14 Datasheet
778Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74HC11 TI-SN74HC11_07 Datasheet
665Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11_07 Datasheet
695Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54ALS11A TI-SN54ALS11A_08 Datasheet
690Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com