Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3-0155-32S-P1-E Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce TS3-0155-32S-P1-E
Description  1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TS3-0155-32S-P1-E Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  TS3-0155-32S-P1-E Datasheet HTML 1Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 2Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 3Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 4Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 5Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 6Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 7Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 8Page - List of Unclassifed Manufacturers TS3-0155-32S-P1-E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1310 nm Single-mode Transceiver (S1.1)
1x9, SC Duplex Connector, 3.3 V
155 Mbps ATM/SONET OC-3/SDH STM-1
Headquarters :
No. 669, Sec. 4 Chung Hsing Road
Chudung, HsinChu, Taiwan 310, ROC
Tel: +886-3-582-8270
Fax: +886-3-582-8416
Version 3.3
3/10
Date: 2003/02/17
http:// www.ritekom.com
Receiver Electro-optical Characteristics
(Vcc = 3.1 V to 3.5 V, TS3-0155-32S-P1: TA = 0 °C to 70 °C, TS3-0155-32S-P1-E: TA = 40 °C to 85°C)
PARAMETER
SYMBOL
MIN
TYP.
MAX
UNITS
NOTE
Data Rate
B
50
155
200
Mb/s
Optical Input Power-maximum
PIN
0
---
---
dBm
Note 1
Optical Input Power-minimum
(Sensitivity)
PIN
---
---
−34
dBm
Note 1
Operating Center Wavelength
λC
1100
---
1600
nm
Signal Detect-Asserted
PA
---
---
−34
dBm
Average
Signal Detect-Deasserted
PD
−47
---
---
dBm
Average
Signal Detect-Hysteresis
PA − PD
1.0
---
---
dB
Signal Detect Assert Time
TSD+
---
---
100
µs
Signal Detect Desssert Time
TSD−
---
---
100
µs
Signal Detect Output voltage-High
VOH − VCC
−1.1
---
−0.74
V
Note 2
Signal Detect Output voltage-Low
VOL − VCC
−2.0
---
−1.58
V
Note 2
Power Supply Current
ICC
---
---
100
mA
Note 3
Data Output Rise, Fall Time (10
−90%)
Tr, f
---
1
2
ns
Data Output Voltage-High
VOH − VCC
−1.1
---
−0.74
V
Note 2
Data Output Voltage-Low
VOL − VCC
−2.0
---
−1.58
V
Note 2
Note 1: The input data is at 155.52 Mbps, 223
−1 PRBS data pattern with 72 “1”s and 72 “0”s inserted per the ITU-T
recommendation G.958 Appendix 1. The receiver is guaranteed to provide output data with Bit Error Rate (BER)
better than or equal to 1
×10−10.
Note 2: These outputs are compatible with 10K, 10KH and 100K ECL and PECL input.
Note 3: The current exclude the output load current.


Numéro de pièce similaire - TS3-0155-32S-P1-E

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS3-45A01 ETC-TS3-45A01 Datasheet
105Kb / 1P
   3-pole MCF
TS3-57 ETC2-TS3-57 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
TS3-60 ETC2-TS3-60 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
TS3-65 ETC2-TS3-65 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
TS3-75 ETC2-TS3-75 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
More results

Description similaire - TS3-0155-32S-P1-E

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
V23836-C18-C63 FINISAR-V23836-C18-C63 Datasheet
217Kb / 13P
   1x9 Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
V23836-C18-R363 FINISAR-V23836-C18-R363 Datasheet
216Kb / 13P
   1x9 RoHS Compliant Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Agilent(Hewlett-Packard...
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Infineon Technologies A...
V23806-A34-C2 INFINEON-V23806-A34-C2 Datasheet
131Kb / 5P
   Single Mode FDDI 1x9 Transceiver with SC Receptacle
MARCH 2000
V23836-C18-C63 INFINEON-V23836-C18-C63 Datasheet
298Kb / 13P
   1x9 Transceiver with Duplex SC Receptacle Single Mode 1300 nm 21 km SONET OC-3 / SDH STM-1
2004-02-13
V23826-H18-C63 INFINEON-V23826-H18-C63 Datasheet
422Kb / 14P
   DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver
2001-08-01
logo
Optoway Technology Inc
SPS-2140WG OPTOWAY-SPS-2140WG_15 Datasheet
188Kb / 5P
   1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110WG OPTOWAY-SPS-2110WG_15 Datasheet
188Kb / 5P
   1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com