Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1317BAB Fiches technique(PDF) 1 Page - Pericom Semiconductor Corporation

No de pièce ST1317BAB
Description  3.3V CMOS Ultra-Low Jitter Voltage Control VCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

ST1317BAB Fiches technique(HTML) 1 Page - Pericom Semiconductor Corporation

  ST1317BAB Datasheet HTML 1Page - Pericom Semiconductor Corporation ST1317BAB Datasheet HTML 2Page - Pericom Semiconductor Corporation ST1317BAB Datasheet HTML 3Page - Pericom Semiconductor Corporation ST1317BAB Datasheet HTML 4Page - Pericom Semiconductor Corporation ST1317BAB Datasheet HTML 5Page - Pericom Semiconductor Corporation ST1317BAB Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3.3V CMOS Ultra-Low Jitter Voltage Control VCXO
3.3V CMOS Ultra-Low Jitter Voltage Control VCXO
YN Series Voltage Control
Crystal Oscillator (VCXO)
Legacy ST1317 Series
7.0x5.0mm
SaRonix-eCera™ is a Pericom® Semiconductor Corporation company • 1-800-435-2336 • www.pericom.com/saronix
YN
1
All specifications are subject to change without notice.
DS 269 Rev B | 07/03/07
Legacy Ordering Information (for reference only)
Packaging Outline
Actual Size = 5 x 7mm
New Part Number Example
YN C50
0001
A = Product Family
B = Frequency Code
C = Specification Code
Note: After July 1, 2007, a Saronix - eCera part number following the above format will be
assigned upon confirmation of exact customer requirements.
* Availability varies by frequency.
Stability Tolerance
B = ±50 ppm, 0 to +70°C
E = ±50 ppm, -40 to +85°C
SaRonix
Model
Frequency (MHz)
Pullability (minimum APR)
A = ±50 ppm
B = ±100 ppm
Linearity
B = 10%
Packaging
blank = bulk packaged
(T) = Tape & Reel*
*full reel increments only (500pcs)
S T1317 B A B - 125.0000 (T)
Product Features
Cost-effective design
LVCMOS compatible output
Commercial and industrial operation
±50 ppM stability (or as specified)
±50 to ±100 ppM absolute (net) pull range
RoHS Compliant
Product Description
The YN is a voltage controlled crystal oscillator with
wide pullability over a broad range of operating
conditions and frequencies. The device is constructed
with a hermetically sealed, quartz crystal resonator and
low noise clock IC. The device, available on tape and
reel, is contained in a 5x7mm ceramic package.
Applications
The YN Series VCXO is an ideal component in phase
locked loop circuits that perform clock smoothing,
clock/data recovery, or frequency translation and card
synchronization functions, such as:
SD/HD Video decoding
SONET/SDH timing control and line cards
T3/E3 Platforms
Satellite and microwave communications
Wireless base stations
xDSL and DSLAM
VoIP
Pin Functions
Pad
Function
1
Control voltage
2
Output Enable/Disable
3
Ground
4
Output
5
No Connect
6
Supply voltage
Dimensions are in mm/inches.
#2
#1
2.00
.079 max
#3
#5
#6
#4
7.00±0.15
.276±.006


Numéro de pièce similaire - ST1317BAB

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
ST131002 E-SWITCH-ST131002 Datasheet
146Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST131003 E-SWITCH-ST131003 Datasheet
126Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST131012 E-SWITCH-ST131012 Datasheet
157Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST131013 E-SWITCH-ST131013 Datasheet
127Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST131017 E-SWITCH-ST131017 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Description similaire - ST1317BAB

FabricantNo de pièceFiches techniqueDescription
logo
Pericom Semiconductor C...
YK-3.3V PERICOM-YK-3.3V Datasheet
261Kb / 4P
   3.3V CMOS Ultra Low Jitter VCXO
FR-3.3V PERICOM-FR-3.3V Datasheet
251Kb / 4P
   3.3V CMOS Ultra Low Jitter VCXO
YN-3.3V PERICOM-YN-3.3V Datasheet
260Kb / 4P
   3.3V CMOS Ultra Low Jitter VCXO
YD-3.3V PERICOM-YD-3.3V Datasheet
282Kb / 4P
   3.3V CMOS Ultra Low Jitter VCXO
logo
Golledge Electronics Lt...
MCSOFV GOLLEDGE-MCSOFV Datasheet
65Kb / 1P
   3.3V CMOS Oscillator Low Jitter
logo
List of Unclassifed Man...
FD2450017 ETC2-FD2450017 Datasheet
260Kb / 3P
   3.3V CMOS Low Jitter XO
logo
Pericom Semiconductor C...
FJ-3.3V PERICOM-FJ-3.3V Datasheet
601Kb / 2P
   3.3V CMOS Low Jitter XO
FKQ-3.3V PERICOM-FKQ-3.3V Datasheet
862Kb / 2P
   3.3V CMOS Low Jitter XO
FD-3.3V PERICOM-FD-3.3V Datasheet
260Kb / 3P
   3.3V CMOS Low Jitter XO
FDQ-3.3V PERICOM-FDQ-3.3V Datasheet
986Kb / 2P
   3.3V CMOS Low Jitter XO
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com