Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

J108 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce J108
Description  N-Channel JFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

J108 Fiches technique(HTML) 2 Page - Vishay Siliconix

  J108 Datasheet HTML 1Page - Vishay Siliconix J108 Datasheet HTML 2Page - Vishay Siliconix J108 Datasheet HTML 3Page - Vishay Siliconix J108 Datasheet HTML 4Page - Vishay Siliconix J108 Datasheet HTML 5Page - Vishay Siliconix J108 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
J/SST108 Series
Vishay Siliconix
www.vishay.com
7-2
Document Number: 70231
S-04028—Rev. E, 04-Jun-01
ABSOLUTE MAXIMUM RATINGS
Gate-Drain, Gate-Source Voltage
–25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate Current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (1/16” from case for 10 sec.)
300
_C
. . . . . . . . . . . . . . . . . . .
Storage Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationa
350 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Derate 2.8 mW/
_C above 25_C
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
J/SST108
J/SST109
J/SST110
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
Static
Gate-Source
Breakdown Voltage
V(BR)GSS
IG = –1 mA , VDS = 0 V
–32
–25
–25
–25
V
Gate-Source Cutoff Voltage
VGS(off)
VDS = 5 V, ID = 1 mA
–3
–10
–2
–6
–0.5
–4
V
Saturation Drain Currentb
IDSS
VDS = 15 V, VGS = 0 V
80
40
10
mA
VGS = –15 V, VDS = 0 V
–0.01
–3
–3
–3
Gate Reverse Current
IGSS
TA = 125_C
–5
Gate Operating Current
IG
VDG = 10 V, ID = 10 mA
–0.01
nA
VDS = 5 V, VGS = –10 V
0.02
3
3
3
Drain Cutoff Current
ID(off)
TA = 125_C
1.0
Drain-Source
On-Resistance
rDS(on)
VGS = 0 V, VDS v 0.1 V
8
12
18
W
Gate-Source
Forward Voltage
VGS(F)
IG = 1 mA , VDS = 0 V
0.7
V
Dynamic
Common-Source
Forward Transconductance
gfs
17
Common-Source
Output Conductance
gos
VDS = 5 V, ID = 10 mA, f = 1 kHz
0.6
mS
Drain-Source
On-Resistance
rds(on)
VGS = 0 V, ID = 0 mA , f = 1 kHz
8
12
18
W
Common-Source
VDS = 0 V
SST
60
Common-Source
Input Capacitance
Ciss
VGS = 0 V
f = 1 MHz
J Series
60
85
85
85
Common-Source Reverse
VDS = 0 V
SST
11
pF
Common-Source Reverse
Transfer Capacitance
Crss
VGS = –10 V
f = 1 MHz
J Series
11
15
15
15
Equivalent Input
Noise Voltage
en
VDG = 5 V, ID = 10 mA
f = 1 kHz
3.5
nV
√Hz
Switching
td(on)
3
Turn-On Time
tr
VDD = 1.5 V, VGS(H) = 0 V
1
td(off)
VDD = 1.5 V, VGS(H) = 0 V
See Switching Diagram
4
ns
Turn-Off Time
tf
18
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NIP
b.
Pulse test: PW
v300 ms duty cycle v3%.


Numéro de pièce similaire - J108

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
J108 PHILIPS-J108 Datasheet
45Kb / 7P
   N-channel silicon junction FETs
1996 Jul 30
logo
Fairchild Semiconductor
J108 FAIRCHILD-J108 Datasheet
47Kb / 4P
   N-Channel Switch
logo
Calogic, LLC
J108 CALOGIC-J108 Datasheet
21Kb / 1P
   N-Channel JFET Switch
logo
Linear Integrated Syste...
J108 LINEAR-J108 Datasheet
300Kb / 2P
   LOW NOISE SINGLE N-CHANNEL JFET SWITCH
logo
Fairchild Semiconductor
J108 FAIRCHILD-J108 Datasheet
169Kb / 7P
   N-Channel Switch
More results

Description similaire - J108

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com