Moteur de recherche de fiches techniques de composants électroniques |
|
LF50ABP Fiches technique(PDF) 9 Page - STMicroelectronics |
|
LF50ABP Fiches technique(HTML) 9 Page - STMicroelectronics |
9 / 34 page LF00 SERIES 9/34 ELECTRICAL CHARACTERISTICS FOR LF27C (refer to the test circuits, Tj = 25°C, CI =0.1 µF, CO =2.2 µF unless otherwise specified.) ELECTRICAL CHARACTERISTICS FOR LF30AB (refer to the test circuits, Tj =25°C, CI =0.1 µF, CO =2.2 µF unless otherwise specified.) Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 50 mA, VI = 4.7 V 2.646 2.7 2.754 V IO = 50 mA, VI =4.7 V, Ta = -25 to 85°C 2.592 2.808 VI Operating Input Voltage IO = 500 mA 16 V IO Output Current Limit 1 A ∆V O Line Regulation VI = 3.7 to 16 V IO = 5 mA 2 13 mV ∆V O Load Regulation VI =4 V, IO = 5 to 500 mA 2 13 mV Id Quiescent Current VI = 3.7 to 16V IO = 0mA ON MODE 0.5 1 mA VI =4 to 16V IO = 500mA 12 VI = 6 V OFF MODE 50 100 µA SVR Supply Voltage Rejection IO =5mA VI = 4.7 ± 1 V f = 120 Hz 82 dB f= 1KHz 77 f = 10 KHz 65 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI =6 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO =0 to 500mA 2 10 µF Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 50 mA, VI = 5 V 2.970 3 3.03 V IO = 50 mA, VI =5 V, Ta = -25 to 85°C 2.94 3.06 VI Operating Input Voltage IO = 500 mA 16 V IO Output Current Limit 1 A ∆V O Line Regulation VI = 4 to 16 V, IO = 5 mA 3 15 mV ∆V O Load Regulation VI = 4.3 V, IO = 5 to 500 mA 3 15 mV Id Quiescent Current VI = 4 to 16V, IO = 0mA ON MODE 0.5 1 mA VI = 4.3 to 16V IO = 500mA 12 VI = 6 V OFF MODE 50 100 µA SVR Supply Voltage Rejection IO =5mA VI =5 ± 1 V f = 120 Hz 81 dB f= 1KHz 76 f = 10 KHz 65 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI =6 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO =0 to 500mA 2 10 µF |
Numéro de pièce similaire - LF50ABP |
|
Description similaire - LF50ABP |