Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL1431CKTPR Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TL1431CKTPR
Description  PRECISION PROGRAMMABLE REFERENCE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL1431CKTPR Fiches technique(HTML) 2 Page - Texas Instruments

  TL1431CKTPR Datasheet HTML 1Page - Texas Instruments TL1431CKTPR Datasheet HTML 2Page - Texas Instruments TL1431CKTPR Datasheet HTML 3Page - Texas Instruments TL1431CKTPR Datasheet HTML 4Page - Texas Instruments TL1431CKTPR Datasheet HTML 5Page - Texas Instruments TL1431CKTPR Datasheet HTML 6Page - Texas Instruments TL1431CKTPR Datasheet HTML 7Page - Texas Instruments TL1431CKTPR Datasheet HTML 8Page - Texas Instruments TL1431CKTPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
REF
ANODE
CATHODE
+
CATHODE
ANODE
REF
Vref
TL1431
PRECISION PROGRAMMABLE REFERENCE
SLVS062L – DECEMBER 1991 – REVISED OCTOBER 2007
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PowerFLEX™ – KTP
Reel of 3000
TL1431CKTPR
OBSOLETE
Tube of 75
TL1431CD
SOIC – D
1431C
Reel of 2500
TL1431CDR
0
°C to 70°C
Bulk of 1000
TL1431CLP
TO-226 / TO-92 – LP
TL1431C
Reel of 2000
TL1431CLPR
Tube of 150
TL1431CPW
TSSOP – PW
T1431
Reel of 2000
TL1431CPWR
Tube of 75
TL1431QD
SOIC – D
TL1431QD
Reel of 2500
TL1431QDR
–40
°C to 125°C
Tube of 150
TL1431QPW
TSSOP – PW
T1431QPW
Reel of 2000
TL1431QPWR
CDIP – JG
Tube of 50
TL1431MJG
TL1431MJG
–55
°C to 125°C
LCCC – FK
Tube of 55
TL1431MFK
TL1431MFK
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
SYMBOL
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 1991–2007, Texas Instruments Incorporated
Product Folder Link(s): TL1431


Numéro de pièce similaire - TL1431CKTPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL1431CKTPR TI-TL1431CKTPR Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431CKTPR TI-TL1431CKTPR Datasheet
387Kb / 24P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431CKTPR TI-TL1431CKTPR Datasheet
578Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431CKTPR TI-TL1431CKTPR Datasheet
645Kb / 28P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431CKTPR TI1-TL1431CKTPR Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Description similaire - TL1431CKTPR

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com